Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 62 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 62 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 58Page - Intel Corporation PIIX3 Datasheet HTML 59Page - Intel Corporation PIIX3 Datasheet HTML 60Page - Intel Corporation PIIX3 Datasheet HTML 61Page - Intel Corporation PIIX3 Datasheet HTML 62Page - Intel Corporation PIIX3 Datasheet HTML 63Page - Intel Corporation PIIX3 Datasheet HTML 64Page - Intel Corporation PIIX3 Datasheet HTML 65Page - Intel Corporation PIIX3 Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
62
Bit
Description
5
Address Increment/Decrement Select. 0=Increment; 1=Decrement.
4
Autoinitialize Enable. 1=Enable; 0=Disable.
3:2
DMA Transfer Type. When Bits [7:6]=11, the transfer type bits are irrelevant.
Bits[3:2]
Transfer Type
00
Verify transfer
01
Write transfer
10
Read transfer
11
Illegal
1:0
DMA Channel Select. Bits [1:0] select the DMA Channel Mode Register written to by bits [7:2].
Bits[1:0]
Channel
00
Channel 0 (4)
01
Channel 1 (5)
10
Channel 2 (6)
11
Channel 3 (7)
2.5.1.3.
DR—DMA Request Register
I/O Address:
Channels 0-3—09h; Channels 4-7—0D2h
Default Value:
Bits[1:0]=undefined; Bits[7:2]=0 (CPURST or Master Clear)
Attribute:
Write Only
The Request Register is used by software to initiate a DMA request. The DMA responds to the
software request as though DREQx is asserted. These requests are non-maskable and subject to
prioritization by the priority encoder network. For a software request, the channel must be in Block
Mode. The Request Register status for DMA1 and DMA2 is output on bits [7:4] of a Status Register
read.
Bit
Description
7:3
Reserved. Must be 0
2
DMA Channel Service Request. 0=Resets the individual software DMA channel request bit.
1=Sets the request bit. Generation of a TC also sets this bit to 0.
1:0
DMA Channel Select. Bits [1:0] select the DMA channel mode register to program with bit 2.
Bits[1:0]
Channel
00
Channel 0
01
Channel 1 (5)
10
Channel 2 (6)
11
Channel 3 (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com