Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 45 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 45 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 41Page - Intel Corporation PIIX3 Datasheet HTML 42Page - Intel Corporation PIIX3 Datasheet HTML 43Page - Intel Corporation PIIX3 Datasheet HTML 44Page - Intel Corporation PIIX3 Datasheet HTML 45Page - Intel Corporation PIIX3 Datasheet HTML 46Page - Intel Corporation PIIX3 Datasheet HTML 47Page - Intel Corporation PIIX3 Datasheet HTML 48Page - Intel Corporation PIIX3 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
45
2.2.21.
FTMR—FAST OFF TIMER REGISTER (Function 0)
Address Offset:
A8h
Default Value:
0Fh
Attribute:
Read/Write
The Fast Off Timer indicates (through an SMI) that the system has been idle for a pre-programmed period of
time. When the timer expires, an SMI special cycle is generated. The count time interval is programmable
(via the SMICNTL Register). The granularity of the counter is programmable via the SMICNTL Register.
NOTE
Before writing to the FTMR Register, the Fast Off Timer must be stopped via bits [4:3] of the SMICNTL
Register.
Bit
Description
7:0
Fast Off Timer Value. Bits [7:0] contain one less than the actual count-down value. Thus, if X
is programmed into this register, the countdown value is X+1. The X+1 value is loaded into the
counter when an enabled system event occurs. When the Fast Off Timer reaches 00h, an SMI
is generated and the timer is re-loaded with the X+1 value. When the Fast Off Timer is
enabled (via the SMICNTL Register), the timer counts down from this value. A read from the
FTMR Register returns the value last written.
2.2.22.
SMIREQ—SMI REQUEST REGISTER (Function 0)
Address Offset:
AA–ABh
Default Value:
00h
Attribute:
Read/Write
The SMIREQ Register contains status bits indicating which enabled event caused an SMI.
NOTE
1.
The SMIREQ bits are set, cleared, or read independently of each other and independently of the
CSMIGATE bit in the SMICNTL Register.
2.
If software attempts to set a status bit to 0 at the same time that the PIIX/PIIX3 is setting it to 1, the bit is
set to 1.
3.
Each of the SMIREQ bits is set by the PIIX/PIIX3 in response to the activation of the corresponding SMI
event. If the SMI event is still active when the corresponding SMIREQ bit is set to 0, the PIIX/PIIX3 does
not set the status bit back to a 1 (i.e., there is only one status indication per active SMI event).
4.
When an IRQx signal is asserted, the corresponding IRQx status bit is set to a 1. If the IRQx signal is still
active when software sets the corresponding status bit to 0, the status bit is not set back to a 1. The IRQx
may be negated before software sets the status bit to 0. However, If the status bit is set to 0 at the same
time a new IRQx is activated, the status bit remains at 1. This indicates to the SMI handler that a new
SMI event has been detected.
5.
If an IRQx is set in level mode and shared by two devices, the IRQ should not be enabled as an SMI#
event. The PIIX's SMIREQ bits are essentially set with an edge. When the second IRQ occurs on a
shared IRQ, there is no second edge and the SMI# will not be generated for the second IRQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com