Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 60 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 60 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 56Page - Intel Corporation PIIX3 Datasheet HTML 57Page - Intel Corporation PIIX3 Datasheet HTML 58Page - Intel Corporation PIIX3 Datasheet HTML 59Page - Intel Corporation PIIX3 Datasheet HTML 60Page - Intel Corporation PIIX3 Datasheet HTML 61Page - Intel Corporation PIIX3 Datasheet HTML 62Page - Intel Corporation PIIX3 Datasheet HTML 63Page - Intel Corporation PIIX3 Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
60
Bit
Description
5
A20Gate Pass-through Enable (A20PTEN)
R/W. 1=Enable A20GATE pass-through
sequence. 0=Disable (default). When enabled, the logic will pass-through the following
A20GATE command sequence:
Cycle
Address
Data
Write
64h
D1h
( 1 or more) (Starts the Sequence)
Write
60h
xxh
Read
64h
N/A
( 0 or more)
Write
64h
FFh
( Standard End of A20GATE Pass-through Sequence)
Any deviation in the above sequence causes the host controller to immediately exit the
sequence and return to standard operation, performing an I/O trap and generating an SMI# if
appropriate enable bits are set.
When enabled, SMI# is not generated during the sequence, even if the various enable bits are
set. Note that during a pass-through sequence, the above status bits are not set for the I/O
accesses that are part of the sequence.
4
Trap/SMI ON IRQ Enable (USBSMIEN)
R/W. 1=Enable SMI# generation on USB IRQ.
0=Disable (default).
3
Trap/SMI On 64h Write Enable (64WEN)
R/W. 1=Enable I/O Trap and SMI# generation on
port 64h write.
0=Disable (default).
2
Trap/SMI On 64h Read Enable (64REN)
R/W. 1=Enable I/O Trap and SMI# generation on
port 64h read.
0=Disable (default).
1
Trap/SMI On 60h Write Enable (60WEN)
R/W. 1=Enable I/O Trap and SMI# generation on
port 60h write.
0=Disable (default).
0
Trap/SMI On 60h Read Enable (60REN)
R/W. 1 = Enable I/O Trap and SMI# generation on
port 60h read.
0=Disable (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com