Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 41 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 41 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 37Page - Intel Corporation PIIX3 Datasheet HTML 38Page - Intel Corporation PIIX3 Datasheet HTML 39Page - Intel Corporation PIIX3 Datasheet HTML 40Page - Intel Corporation PIIX3 Datasheet HTML 41Page - Intel Corporation PIIX3 Datasheet HTML 42Page - Intel Corporation PIIX3 Datasheet HTML 43Page - Intel Corporation PIIX3 Datasheet HTML 44Page - Intel Corporation PIIX3 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
41
address to be decoded and the PCS# signal asserted. The PCS# signal is never asserted for ISA bus
masters access.
Bit
Description
15:2
PCS Address (PCSADDR). This field defines a 16-bit I/O space address (4 byte range) that
causes the PCS# signal to assert. Address bits [3:2] may be masked (considered "don’t care")
by programming bits [1:0] of this register.
1:0
PCS Address Mask. When bit 1=1, PCSADDR3 is masked. When bit 0=1, PCSADDR2 is
masked.
Bits[1:0]
Range
00
4 bytes (default)
01
8 bytes, contiguous
10
Disabled
11
16 bytes, contiguous
2.2.16.
APICBASE—APIC BASE ADDRESS RELOCATION REGISTER (Function 0) (PIIX3 Only)
Address Offset:
80h
Default Value:
00h
Attribute:
Read/Write
This register provides the modifier for the APIC base address. APIC is mapped in the memory space at the
locations FEC0_xy00h and FEC0_xy10h (x=0-Fh, y=0,4,8,Ch). The value of ’y’ is defined by bits [1,0] and the
value of ’x’ is defined by bits [5:2]. Thus, the relocation register provides 1-Kbyte address granularity (i.e.,
potentially up to 64 IOAPICs can be uniformly addresses in the memory space). The default value of 00h
provides mapping of the IOAPIC unit at the addresses FEC0_0000h and FEC0_0010h.
Bit
Description
7
Reserved.
6
A12 Mask. This bit determines selects whether APICCS# is generated for one or two IOAPIC
address ranges. When bit 6=1, address bit 12 is ignored allowing the APICCS# signal to be
generated for two consecutive IOAPIC address ranges. External logic is needed to select
individual IOAPICs by combining SA12 and APICCS#. For example, when bit 6=1 (and x and
y = 0), APICCS# is generated for addresses FEC0_0000h, FEC0_0010, as well as
FEC0_1000h, FEC0_1010. When bit 6=0, APICCS# is generated for one IOAPIC address
range.
5:2
X-Base Address. Bits[5:2] are compared with PCI address bits AD[15:12], respectively.
1:0
Y-Base Address. Bits[1:0] are compared with PCI address bits AD[11:10], respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com