Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 76 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 76 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 72Page - Intel Corporation PIIX3 Datasheet HTML 73Page - Intel Corporation PIIX3 Datasheet HTML 74Page - Intel Corporation PIIX3 Datasheet HTML 75Page - Intel Corporation PIIX3 Datasheet HTML 76Page - Intel Corporation PIIX3 Datasheet HTML 77Page - Intel Corporation PIIX3 Datasheet HTML 78Page - Intel Corporation PIIX3 Datasheet HTML 79Page - Intel Corporation PIIX3 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
76
Bit
Description
1
System Reset (SRST). This bit is used in conjunction with bit 2 in this register to initiate a hard
reset. When SRST =1, the PIIX/PIIX3 initiates a hard reset to the CPU when bit 2 in this register
transitions from 0 to 1. When SRST=0, the PIIX/PIIX3 initiates a soft reset when bit 2 in this
register transitions from 0 to 1.
0
Reserved
2.5.5.
NMI REGISTERS
The NMI logic incorporates two different 8-bit registers. The CPU reads the NMISC Register to determine the
NMI source (bits set to a 1). After the NMI interrupt routine processes the interrupt, software clears the NMI
status bits by setting the corresponding enable/disable bit to a 1. The NMI Enable and Real-Time Clock
Register can mask the NMI signal and disable/enable all NMI sources.
To ensure that all NMI requests are serviced, the NMI service routine software flow should be as follows:
1.
NMI is detected by the processor on the rising edge of the NMI input.
2.
The processor will read the status stored in port 061h to determine what sources caused the NMI. The
processor may then set to 0 the register bits controlling the sources that it has determined to be active.
Between the time the processor reads the NMI sources and sets them to a 0, an NMI may have been
generated by another source. The level of NMI will then remain active. This new NMI source will not be
recognized by the processor because there was no edge on NMI.
3.
The processor must then disable all NMIs by setting bit 7 of port 070H to a 1 and then enable all NMIs by
setting bit 7 of port 070H to a 0. This will cause the NMI output to transition low then high if there are any
pending NMI sources. The CPU’s NMI input logic will then register a new NMI.
2.5.5.1.
NMISC—NMI Status And Control Register
I/O Address:
061h
Default Value:
00h
Attribute:
Read/Write
This register reports the status of different system components, control the output of the speaker counter
(Counter 2), and gate the counter output that drives the SPKR signal.
Bit
Description
7
SERR# NMI Source Status—RO. Bit 7 is set if a system board agent (PCI devices or main
memory) detects a system board error and pulses the PCI SERR# line. This interrupt source is
enabled by setting bit 2 to 0. To reset the interrupt, set bit 2 to 0 and then set it to 1. When
writing to port 061h, bit 7 must be 0.
6
IOCHK# NMI Source Status—RO. Bit 6 is set if an expansion board asserts IOCHK# on the
ISA Bus. This interrupt source is enabled by setting bit 3 to 0. To reset the interrupt, set bit 3 to
0 and then set it to 1. When writing to port 061h, bit 6 must be a 0.
5
Timer Counter 2 OUT Status—RO. The Counter 2 OUT signal state is reflected in bit 5. The
value on this bit following a read is the current state of the Counter 2 OUT signal. Counter 2
must be programmed following a CPURST for this bit to have a determinate value. When
writing to port 061h, bit 5 must be a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com