Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 14 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 14 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 10Page - Intel Corporation PIIX3 Datasheet HTML 11Page - Intel Corporation PIIX3 Datasheet HTML 12Page - Intel Corporation PIIX3 Datasheet HTML 13Page - Intel Corporation PIIX3 Datasheet HTML 14Page - Intel Corporation PIIX3 Datasheet HTML 15Page - Intel Corporation PIIX3 Datasheet HTML 16Page - Intel Corporation PIIX3 Datasheet HTML 17Page - Intel Corporation PIIX3 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
14
Signal Name
Type
Description
SA[7:0],
SA[19:8]/
DD[11:0]
I/O
I/O
I/O
SYSTEM ADDRESS BUS: These bi-directional address lines define the
selection with the granularity of one byte within the one-Mbyte section of
memory defined by the LA[23:17] address lines. The address lines
SA[19:17] that are coincident with LA[19:17] are defined to have the same
values as LA[19:17] for all memory cycles. For I/O accesses, only SA[15:0]
are used.
SBHE#/
DD12
I/O
I/O
SYSTEM BYTE HIGH ENABLE: SBHE# indicates, when asserted, that a
byte is being transferred on the upper byte (SD[15:8]) of the data bus.
SBHE# is negated during refresh cycles.
MEMCS16#
od
MEMORY CHIP SELECT 16: MEMCS16# is a decode of LA[23:17]
without any qualification of the command signal lines. ISA slaves that are
16-bit memory devices drive this signal low. The PIIX/PIIX3 drives this
signal low during ISA master to DRAM Cycles.
MEMR#
I/O
MEMORY READ: MEMR# is the command to a memory slave that it may
drive data onto the ISA data bus. This signal is also driven by the
PIIX/PIIX3 during refresh cycles.
MEMW#
I/O
MEMORY WRITE: MEMW# is the command to a memory slave that it
may latch data from the ISA data bus.
SMEMR#
O
STANDARD MEMORY READ: The PIIX/PIIX3 asserts SMEMR# to
request an ISA memory slave to drive data onto the data lines. If the
access is below 1 Mbyte (00000000–000FFFFFh) during DMA compatible,
PIIX/PIIX3 master, or ISA master cycles, the PIIX/PIIX3 asserts SMEMR#.
SMEMR# is a delayed version of MEMR#.
SMEMW#
O
STANDARD MEMORY WRITE: The PIIX/PIIX3 asserts SMEMW# to
request an ISA memory slave to accept data from the data lines. If the
access is below 1 Mbyte (00000000–000FFFFFh) during DMA compatible,
PIIX/PIIX3 master, or ISA master cycles, the PIIX/PIIX3 asserts
SMEMW#. SMEMW# is a delayed version of MEMW#.
ZEROWS#
I
ZERO WAIT-STATES: An ISA slave asserts ZEROWS# after its address
and command signals have been decoded to indicate that the current
cycle can be shortened. A 16-bit ISA memory cycle can be reduced to two
SYSCLKs. An 8-bit memory or I/O cycle can be reduced to three
SYSCLKs. ZEROWS# has no effect during 16-bit I/O cycles.
SD[15:0]
I/O
SYSTEM DATA: SD[15:0] provide the 16-bit data path for devices residing
on the ISA Bus. SD[15:8] correspond to the high order byte and SD[7:0]
correspond to the low order byte. SD[15:0] are undefined during refresh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com