Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 25 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 25 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 21Page - Intel Corporation PIIX3 Datasheet HTML 22Page - Intel Corporation PIIX3 Datasheet HTML 23Page - Intel Corporation PIIX3 Datasheet HTML 24Page - Intel Corporation PIIX3 Datasheet HTML 25Page - Intel Corporation PIIX3 Datasheet HTML 26Page - Intel Corporation PIIX3 Datasheet HTML 27Page - Intel Corporation PIIX3 Datasheet HTML 28Page - Intel Corporation PIIX3 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
25
Configuration
Offset
Mnemonic
Register
Register
Access
ACh
CTLTMR
Clock Scale STPCLK# Low Timer
R/W
ADh
—
Reserved
—
AEh
CTHTMR
Clock Scale STPCLK# High Timer
R/W
AF–FFh
—
Reserved
—
Table 3. PCI Configuration Registers—Function 1 (IDE Interface)
Configuration
Offset
Mnemonic
Register
Register
Access
00–01h
VID
Vendor Identification
RO
02–03h
DID
Device Identification
RO
04–05h
PCICMD
Command
R/W
06–07h
PCISTS
PCI Device Status
R/WC
08h
RID
Revision Identification
RO
09
−0Bh
CLASSC
Class Code
RO
0Ch
—
Reserved
—
0Dh
MLT
Master Latency Timer
R/W
0Eh
HEDT
Header Type
RO
0F–1Fh
—
Reserved
—
20–23h
BMIBA
Bus Master Interface Base Address
R/W
24–3Fh
—
Reserved
—
40–43h
IDETIM
IDE Timing Modes
R/W
44h
—
Reserved (PIIX)
—
SIDETIM
Slave IDE Timing Modes (PIIX3)
R/W
45–FFh
—
Reserved
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com