Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 42 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 42 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 38Page - Intel Corporation PIIX3 Datasheet HTML 39Page - Intel Corporation PIIX3 Datasheet HTML 40Page - Intel Corporation PIIX3 Datasheet HTML 41Page - Intel Corporation PIIX3 Datasheet HTML 42Page - Intel Corporation PIIX3 Datasheet HTML 43Page - Intel Corporation PIIX3 Datasheet HTML 44Page - Intel Corporation PIIX3 Datasheet HTML 45Page - Intel Corporation PIIX3 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
42
2.2.17.
DLC—DETERMINISTIC LATENCY CONTROL REGISTER (Function 0) (PIIX3 Only)
Address Offset:
82h
Default Value:
00h
Attribute:
Read/Write
This register enables/disables the Delayed Transaction and Passive Release functions, respectively. When
enabled, these functions make the PIIX3 PCI revision 2.1 compliant. Note that neither delayed completion nor
passive release have any effect on bus master IDE and type F DMA transfers.
The 2.1 revision of the PCI specification requires much tighter controls on target and master latency. Targets
must respond with TRDY# or STOP# within 16 clocks of FRAME#, and masters must assert IRDY# within 8
PCI clocks for any data phase. PCI cycles to or from ISA typically take longer than this. The PIIX3 provides a
programmable
delayed completion mechanism described in the PCI specification to meet the required
target latencies.
ISA bridges also support GAT mode, which will now violate the spirit of the PCI specification. The PIIX3
provides a programmable
passive release mechanism to meet the required master latencies. When passive
release is enabled in the PIIX3, ISA masters may see long delays in accesses to any PCI memory, including
the main DRAM array. The ISA GAT mode is not supported with passive release enabled. ISA masters must
honor IOCHRDY.
Bit
Description
7:4
Reserved.
3
SERR# Generation Due To Delayed Transaction Timeout Enable. 1=Enable. 0=Disable.
2
USB Passive Release Enable (USBPR). 1=Enable
0=Disable.
1
Passive Release Enable. 1=Enable the Passive Release mechanism encoded on the
PHOLD# signal (default). 0=PHOLD# functions identically to the way it did in the PIIX
(82371FB).
0
Delayed Transaction Enable. 1=Enable the Delayed Transaction mechanism when the
PIIX3 is the target of a PCI transaction (default). 0=PIIX3 resonds as a target of a PCI
transaction identically to the way the PIIX (82371FB) responded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com