Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 44 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 44 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 40Page - Intel Corporation PIIX3 Datasheet HTML 41Page - Intel Corporation PIIX3 Datasheet HTML 42Page - Intel Corporation PIIX3 Datasheet HTML 43Page - Intel Corporation PIIX3 Datasheet HTML 44Page - Intel Corporation PIIX3 Datasheet HTML 45Page - Intel Corporation PIIX3 Datasheet HTML 46Page - Intel Corporation PIIX3 Datasheet HTML 47Page - Intel Corporation PIIX3 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
44
Bit
Description
7
APMC Write SMI Enable. 1=Enable; 0=Disable.
6
EXTSMI# SMI Enable. 1=Enable; 0=Disable.
5
Fast Off Timer SMI Enable. 1=Enable; 0=Disable. When enabled, the timer generates an
SMI when it decrements to zero.
4
IRQ12 SMI Enable (PS/2 Mouse Interrupt). 1=Enable; 0=Disable.
3
IRQ8 SMI Enable (RTC Alarm Interrupt). 1=Enable; 0=Disable.
2
IRQ4 SMI Enable (COM2/COM4 Interrupt or Mouse). 1=Enable; 0=Disable.
1
IRQ3 SMI Enable (COM1/COM3 Interrupt or Mouse). 1=Enable; 0=Disable.
0
IRQ1 SMI Enable (Keyboard Interrupt). 1=Enable; 0=Disable.
2.2.20.
SEE—SYSTEM EVENT ENABLE REGISTER (Function 0)
Address Offset:
A4–A7h
Default Value:
00000000h
Attribute:
Read/Write
This register enables hardware events as system events and break events for power management control.
The default for each system/break event in this register is disabled.
System events: Activity by these events can keep the system from powering down. When a system event is
enabled, the corresponding hardware event activity prevents a Fast Off powerdown condition by reloading the
Fast Off Timer with its initial count.
Break events: These events can awaken a powered down system. When a break event is enabled, the
corresponding hardware event activity powers up the system by negating STPCLK#.
Bit
Description
31
Fast Off SMI Enable (FSMIEN). 1=Enable (system and break events); 0=Disable.
30
INTR Enable (FINTREN). 1=Enable (break event); 0=Disable. When enabled, INTR is used
as a global break event. In this case, any IRQ that is generated causes the system to
powerup via the negation of STPCLK#, regardless of the state of bits[15:3,1:0] in this
register.
For the PIIX3, this function should be disabled if an external IOAPIC is used.
29
Fast Off NMI Enable (FNMIEN). 1=Enable (system and break events); 0=Disable.
28
82371FB PIIX: Reserved.
PIIX3: Fast Off APIC Enable (FAPICEN). 1=Enable (break event); 0=Disable.
27:16
Reserved
15:3
Fast Off IRQ[15:3] Enable (FIRQ[15:3]EN). 1=Enable (system and break events);
0=Disable.
2
Reserved.
1:0
Fast Off IRQ[1:0] Enable (FIRQ[1:0]EN). 1=Enable (system and break events); 0=Disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com