Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 82 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 82 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 78Page - Intel Corporation PIIX3 Datasheet HTML 79Page - Intel Corporation PIIX3 Datasheet HTML 80Page - Intel Corporation PIIX3 Datasheet HTML 81Page - Intel Corporation PIIX3 Datasheet HTML 82Page - Intel Corporation PIIX3 Datasheet HTML 83Page - Intel Corporation PIIX3 Datasheet HTML 84Page - Intel Corporation PIIX3 Datasheet HTML 85Page - Intel Corporation PIIX3 Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
82
Table 9. Run/Stop, Debug Bit Interaction
SWDBG
(Bit 5)
Run/Stop
(Bit 0)
Operation
0
0
If executing a command, the Host Controller completes the command and
then stops. The 1.0 ms frame counter is reset and command list execution
resumes from start of frame using the frame list pointer selected by the
current value in the FRNUM register. (While Run/Stop=0, the FRNUM register
can be reprogrammed).
0
1
Execution of the command list resumes from Start Of Frame using the frame
list pointer selected by the current value in the FRNUM register. The Host
Controller remains running until the Run/Stop bit is cleared (by Software or
Hardware).
1
0
If executing a command, the Host Controller completes the command and
then stops and the 1.0 ms frame counter is frozen at its current value. All
status are preserved. The Host Controller begins execution of the command
list from where it left off when the Run/Stop bit is set.
1
1
Execution of the command list resumes from where the previous execution
stopped. The Run/Stop bit is set to 0 by the Host Controller when a TD is
being fetched. This causes the Host Controller to stop again after the
execution of the TD (single step). When the Host Controller has completed
execution, the HC Halted bit in the Status Register is set.
2.8.2.
USBSTS
USB Status Register
I/O Address:
Base + (02
−03h)
Default Value:
0000h
Attribute:
Read/Write Clear
size:
16 bits
This register indicates pending interrupts and various states of the Host Controller. The status resulting from
a transaction on the serial bus is not indicated in this register. Software sets a bit to 0 in this register by
writing a 1 to it.
Bit
Description
15:6
Reserved.
5
HCHalted. The Host Controller sets this bit to 1 after it has stopped executing as a result of
the Run/Stop bit being set to 0, either by software or by the Host Controller hardware (an
internal error).
4
Host Controller Process Error. The Host Controller sets this bit to 1 when it detects a fatal
error and indicates that the Host Controller suffered a consistency check failure while
processing a Transfer Descriptor. An example of a consistency check failure would be finding
an illegal PID field while processing the packet header portion of the Transfer Descriptor (TD)
data structure. When this error occurs, the Host Controller clears the Run/Stop bit in the
Command register to prevent further schedule execution. A hardware reset is generated to
the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com