Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 75 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 75 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 71Page - Intel Corporation PIIX3 Datasheet HTML 72Page - Intel Corporation PIIX3 Datasheet HTML 73Page - Intel Corporation PIIX3 Datasheet HTML 74Page - Intel Corporation PIIX3 Datasheet HTML 75Page - Intel Corporation PIIX3 Datasheet HTML 76Page - Intel Corporation PIIX3 Datasheet HTML 77Page - Intel Corporation PIIX3 Datasheet HTML 78Page - Intel Corporation PIIX3 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
75
2.5.4.
X-BUS, COPROCESSOR, and RESET REGISTERS
2.5.4.1.
Reset X-Bus IRQ12 And IRQ1 Register
I/O Address:
60h
Default Value:
N/A
Attribute:
Read only
This register clears the mouse interrupt function and the keyboard interrupt (IRQ1). Reads to this address are
monitored by the PIIX. When the mouse interrupt function is enabled (X-Bus Chip Select Register), the
mouse interrupt function is provided on the IRQ12/M input signal. In this mode, a mouse interrupt generates
an interrupt through IRQ12 to the Host CPU. A read of 60h releases IRQ12. Reads/writes flow through to the
ISA Bus.
Bit
Description
7:0
Reset IRQ12 and IRQ1. No specific pattern. A read of address 60h executes the command.
2.5.4.2.
Coprocessor Error Register
I/O Address:
F0h
Default Value:
N/A
Attribute:
Write only
Writing to this register causes the PIIX/PIIX3 to assert IGNNE#. The PIIX/PIIX3 also negates IRQ13 (internal
to the PIIX). Note, that IGNNE# is not asserted unless FERR# is active. Reads/writes flow through to the ISA
Bus.
Bit
Description
7:0
No special pattern required. A write to address F0h executes the command.
2.5.4.3.
RC—Reset Control Register
I/O Address:
CF9h
Default Value:
00h
Attribute:
Read/Write
Bits 1 and 2 in this register are used by the PIIX/PIIX3 to generate a hard reset or a soft reset. Bit 2 should be
cleared when writing the reset type (defined by bit 1) and then bit 2 should be set to initiate the reset. The 0 to
1 transition on bit 2 initiates the reset. For example, to initiate a soft reset via the CF9 Reset Control Register,
write 00h then 04h, then read the CF9 register.
Bit
Description
7:3
Reserved
2
Reset CPU (RCPU). This bit is used to initiate (transitions from 0 to 1) a hard reset (bit 1 in this
register is set to 1) or a soft reset to the CPU. During a hard reset, the PIIX/PIIX3 asserts
CPURST, PCIRST#, and RSTDRV. The PIIX/PIIX3 initiates a hard reset when this register is
programmed for a hard reset or PWROK is asserted. This bit cannot be read as a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com