Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 32 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 32 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 28Page - Intel Corporation PIIX3 Datasheet HTML 29Page - Intel Corporation PIIX3 Datasheet HTML 30Page - Intel Corporation PIIX3 Datasheet HTML 31Page - Intel Corporation PIIX3 Datasheet HTML 32Page - Intel Corporation PIIX3 Datasheet HTML 33Page - Intel Corporation PIIX3 Datasheet HTML 34Page - Intel Corporation PIIX3 Datasheet HTML 35Page - Intel Corporation PIIX3 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
32
Bit
Description
2
Bus Master Enable (BME). (Not Implemented) The PIIX/PIIX3 does not support disabling
its bus master capability. This bit is hardwired to 1.
1
Memory Access Enable (MAE). (Not Implemented) The PIIX/PIIX3 does not support
disabling access to main memory. This bit is hardwired to 1.
0
I/O Space Access Enable (IOSE). The PIIX/PIIX3 does not support disabling its response to
PCI I/O cycles. This bit is hardwired to 1.
2.2.4.
PCISTS—PCI DEVICE STATUS REGISTER (Function 0)
Address Offset:
06–07h
Default Value:
0200h
Attribute:
Read/Write Clear
The PCISTS Register reports the occurrence of a PCI master-abort by the PIIX/PIIX3 or a PCI target-abort
when the PIIX/PIIX3 is a master. The register also indicates the PIIX/PIIX3 DEVSEL# signal timing.
Bit
Description
15
Detected Parity Error (PERR). (Not Implemented) Read as 0.
14
PIIX: Signaled SERR# Status (SERRS). (Not Implemented) Read as 0.
PIIX3: Signaled SERR# Status (SERRS)—R/WC. When the PIIX3 asserts the SERR#
signal, this bit is set to 1. Software sets this bit to a 0 by writing a 1 to it
13
Master-Abort Status (MA)—R/WC. When the PIIX, as a master (for the ISA bridge function),
generates a master-abort, MA is set to a 1. Software sets MA to 0 by writing a 1 to this bit
location.
12
Received Target-Abort Status (RTA)—R/WC. When the PIIX/PIIX3 is a master on the PCI
Bus (for the ISA bridge function) and receives a target-abort, this bit is set to a 1. Software
sets RTA to 0 by writing a 1 to this bit location.
11
Signaled Target-Abort Status (STA)—R/WC. This bit is set when the PIIX/PIIX3 ISA bridge
function is targeted with a transaction that the PIIX/PIIX3 terminates with a target abort.
Software sets STA to 0 by writing a 1 to this bit location.
10:9
DEVSEL# Timing Status (DEVT)—RO. The PIIX/PIIX3 always generates DEVSEL# with
medium timing for ISA functions. Thus, DEVT=01. This DEVSEL# timing does not include
Configuration cycles.
8
PERR# Response. (Not Implemented) Read as 0.
7
Fast Back to Back—RO. This bit indicates to the PCI Master that PIIX/PIIX3 as a target is
capable of accepting fast back-to-back transactions.
6:0
Reserved. Read as 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com