Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 12 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 12 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 8Page - Intel Corporation PIIX3 Datasheet HTML 9Page - Intel Corporation PIIX3 Datasheet HTML 10Page - Intel Corporation PIIX3 Datasheet HTML 11Page - Intel Corporation PIIX3 Datasheet HTML 12Page - Intel Corporation PIIX3 Datasheet HTML 13Page - Intel Corporation PIIX3 Datasheet HTML 14Page - Intel Corporation PIIX3 Datasheet HTML 15Page - Intel Corporation PIIX3 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
12
Signal Name
Type
Description
IORDY
I
IO CHANNEL READY: This input signal is directly driven by the
corresponding signal on up to two IDE connectors (primary and
secondary).
SOE#
O
SYSTEM ADDRESS TRANSCEIVER OUTPUT ENABLE: This signal
controls the output enables of the ’245 transceivers that interface the
DD[15:0] signals to the SA[19:8], SBHE#, PCS# and APICCS# (PIIX3
only) signals.
SDIR
O
SYSTEM ADDRESS TRANSCEIVER DIRECTION: This signal controls
the direction of the ’245 transceivers that interface the DD[15:0] signals
to the SA[19:8], SBHE#, PCIS, and APICCS# (PIIX3 only), signals.
Default condition is high (transmit). When an ISA Bus master is granted
use of the bus, the transceivers are turned around to drive the ISA
address [19:8] on DD[15:3]. The address can then be latched by the
PIIX/PIIX3. In this case, the SDIR signal is low (receive). The SOE# and
SDIR signals taken together as a group can assume one of three states:
SOE#
SDIR
State
0
1
PCI to ISA transaction
1
1
PCI to IDE
0
0
ISA Bus master
Signals Buffered from LA[23:17]
These signals are buffered from the LA[23:17] lines by an ALS244 tri-state buffer. The output enable of this
buffer is tied asserted. These signals are set up with respect to the IDE command strobes (DIOR# and IOW#)
and are valid throughout I/O transactions targeting the ATA register block(s).
Signal Name
Type
Description
LA23/
CS1S
I/O
CHIP SELECT: CS1S is for the ATA command register block and
corresponds to the inverted CS1FX# on the secondary IDE connector.
CS1S is inverted externally (see PCI Local Bus IDE section).
LA22/
CS3S
I/O
CHIP SELECT: CS3S is for the ATA control register block and
corresponds to the inverted CS3FX# on the secondary IDE connector.
CS3S is inverted externally (see PCI Local Bus IDE section).
LA21/
CS1P
I/O
CHIP SELECT: CS1P is for the ATA command register block and
corresponds to the inverted CS1FX# on the primary IDE connector. CS1P
is inverted externally (see PCI Local Bus IDE section).
LA20/
CS3P
I/O
CHIP SELECT: CS3P is for the ATA control register block and
corresponds to the inverted CS3FX# on the primary IDE connector. CS3P
is inverted externally (see PCI Local Bus IDE section).
LA[19:17]
DA[2:0]
I/O
DISK ADDRESS: DA[2:0] are used to indicate which byte in either the
ATA command block or control block is being addressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com