Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 67 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 67 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 63Page - Intel Corporation PIIX3 Datasheet HTML 64Page - Intel Corporation PIIX3 Datasheet HTML 65Page - Intel Corporation PIIX3 Datasheet HTML 66Page - Intel Corporation PIIX3 Datasheet HTML 67Page - Intel Corporation PIIX3 Datasheet HTML 68Page - Intel Corporation PIIX3 Datasheet HTML 69Page - Intel Corporation PIIX3 Datasheet HTML 70Page - Intel Corporation PIIX3 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
67
coded decimal (BCD) format. After writing the control word, a new count can be written at any time. The new
value takes effect according to the programmed mode.
Bit
Description
7:6
Counter Select. The Read Back Command is selected when bits[7:6] are both 1.
Bit[7:6]
Function
00
Counter 0 select
01
Counter 1 select
10
Counter 2 select
11
Read Back Command
5:4
Read/Write Select. The Counter Latch Command is selected when bits[5:4] are both 0.
Bit[5:4]
Function
00
Counter Latch Command
01
R/W Least Significant Byte
10
R/W Most Significant Byte
11
R/W LSB then MSB
3:1
Counter Mode Selection. Bits [3:1] select one of six possible counter modes.
Bit[3:1]
Mode
Function
000
0
Out signal on end of count (=0)
001
1
Hardware retriggerable one-shot
X10
2
Rate generator (divide by n counter)
X11
3
Square wave output
100
4
Software triggered strobe
101
5
Hardware triggered strobe
0
Binary/BCD Countdown Select. 0=Binary countdown. The largest possible binary count is
216. 1=Bbinary coded decimal (BCD) count is used. The largest BCD count allowed is 104.
Read Back Command
The Read Back Command is used to determine the count value, programmed mode, and current states of the
OUT pin and Null count flag of the selected counter or counters. The Read Back Command is written to the
Timer Control Word Register which latches the current states of the above mentioned variables. The value of
the counter and its status may then be read by I/O access to the counter address. Note that The Timer
Counter Register bit definitions are different during the Read Back Command than for a normal Timer
Counter Register write.
Bit
Description
7:6
Read Back Command. When bits[7:6]=11, the Read Back Command is selected during a
write to the Timer Control Word Register. Following the Read Back Command, I/O reads from
the selected counter’s I/O addresses produce the current latch status, the current latched
count, or both if bits 4 and 5 are both 0.
5
Latch Count of Selected Counters. When bit 5=0, the current count value of the selected
counters will be latched. When bit 5=1, the count will not be latched.
4
Latch Status of Selected Counters. When bit 4=0, the status of the selected counters will be
latched. When bit 4=1, the status will not be latched. The status byte format is described in
Section 4.3.3, Interval Timer Status Byte Format Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com