Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 24 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 24 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 20Page - Intel Corporation PIIX3 Datasheet HTML 21Page - Intel Corporation PIIX3 Datasheet HTML 22Page - Intel Corporation PIIX3 Datasheet HTML 23Page - Intel Corporation PIIX3 Datasheet HTML 24Page - Intel Corporation PIIX3 Datasheet HTML 25Page - Intel Corporation PIIX3 Datasheet HTML 26Page - Intel Corporation PIIX3 Datasheet HTML 27Page - Intel Corporation PIIX3 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
24
Configuration
Offset
Mnemonic
Register
Register
Access
0F–4Bh
—
Reserved
—
4Ch
IORT
ISA I/O Controller Recovery Timer
R/W
4Dh
—
Reserved
—
4Eh (PIIX)
4E–4Fh (PIIX3)
XBCS
X-Bus Chip Select Enable
R/W
4F–5Fh (PIIX)
50–5Fh (PIIX3)
—
Reserved
—
60–63h
PIRQRC[A:D]
PCI IRQ Route Control
R/W
64–68h
—
Reserved
—
69h
TOM
Top of Memory
R/W
6A–6Bh
MSTAT
Miscellaneous Status
R/W
6C–6Fh
—
Reserved
—
70h
MBIRQ0
Motherboard IRQ Route Control 0
R/W
71h
MBIRQ1
Motherboard IRQ Route Control 1 (PIIX)
R/W
—
Reserved (PIIX3)
—
72–75h
—
Reserved
—
76–77h
MBDMA[1:0]
Motherboard DMA Control
R/W
78–79h
PCSC
Programmable Chip Select Control
R/W
7A–7Fh
—
Reserved
—
80h
—
Reserved (PIIX)
—
APICBASE
APIC Base Address Relocation (PIIX3)
R/W
81h
—
Reserved
—
82h
—
Reserved (PIIX)
—
DLC
Deterministic Latency Control (PIIX3)
R/W
83–9Fh
—
Reserved
—
A0h
SMICNTL
SMI Control
R/W
A1h
—
Reserved
—
A2–A3h
SMIEN
SMI Enable
R/W
A4–A7h
SEE
System Event Enable
R/W
A8h
FTMR
Fast Off Timer
R/W
A9h
—
Reserved
—
AA–ABh
SMIREQ
SMI Request
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com