Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 10 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 10 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 6Page - Intel Corporation PIIX3 Datasheet HTML 7Page - Intel Corporation PIIX3 Datasheet HTML 8Page - Intel Corporation PIIX3 Datasheet HTML 9Page - Intel Corporation PIIX3 Datasheet HTML 10Page - Intel Corporation PIIX3 Datasheet HTML 11Page - Intel Corporation PIIX3 Datasheet HTML 12Page - Intel Corporation PIIX3 Datasheet HTML 13Page - Intel Corporation PIIX3 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
10
Signal Name
Type
Description
TRDY#
I/O
(s/t/s)
TARGET READY: Asserted when the target is ready for a data transfer.
IRDY#
I/O
(s/t/s)
INITIATOR READY: Asserted when the initiator is ready for a data
transfer.
STOP#
I/O
(s/t/s)
STOP: Asserted by the target to request the master to stop the current
transaction.
IDSEL
I
INITIALIZATION DEVICE SELECT: IDSEL is used as a chip select during
configuration read and write transactions.
DEVSEL#
I/O
(s/t/s)
DEVICE SELECT: The PIIX/PIIX3 asserts DEVSEL# to claim a PCI
transaction through positive or subtractive decoding.
PAR
O
CALCULATED PARITY SIGNAL: PAR is "even" parity and is calculated
on 36 bits—AD[31:0] plus C/BE[3:0]#.
SERR#
I
SYSTEM ERROR: SERR# can be pulsed active by any PCI device that
detects a system error condition. Upon sampling SERR# active, the
PIIX/PIIX3 can be programmed to generate a non-maskable interrupt
(NMI) to the CPU.
PHOLD#
O
PCI HOLD: The PIIX/PIIX3 asserts this signal to request the PCI Bus.
The PIIX3 implements the passive release mechanism by toggling PHOLD#
inactive for one PCICLK.
PHLDA#
I
PCI HOLD ACKNOWLEDGE: This signal is asserted to grant the PCI bus
to the PIIX/PIIX3.
1.2.
Motherboard I/O Device Interface Signals
Signal Name
Type
Description
MDRQ[1:0]
(PIIX Only)
I
MOTHERBOARD DEVICE DMA REQUEST: These signals can be
connected internally to any of DREQ[3:0,7:5]. Each pair of request/
acknowledge signals is controlled by a separate register. Each signal
can be configured as steerable interrupts for motherboard devices.
MDAK[1:0]#
(PIIX Only)
O
MOTHERBOARD DEVICE DMA ACKNOWLEDGE: These signals
can be connected internally to any of DACK[3:0,7:5]. Each pair of
request/ acknowledge signals is controlled by a separate register.
Each signal can be configured as steerable interrupts for motherboard
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com