Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 19 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 19 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 15Page - Intel Corporation PIIX3 Datasheet HTML 16Page - Intel Corporation PIIX3 Datasheet HTML 17Page - Intel Corporation PIIX3 Datasheet HTML 18Page - Intel Corporation PIIX3 Datasheet HTML 19Page - Intel Corporation PIIX3 Datasheet HTML 20Page - Intel Corporation PIIX3 Datasheet HTML 21Page - Intel Corporation PIIX3 Datasheet HTML 22Page - Intel Corporation PIIX3 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
19
1.11.
Universal Serial Bus Signals (PIIX3 Only)
Signal Name
Type
Description
USBCLK
I
UNIVERSAL SERIAL BUS CLOCK. This signal clocks the universial serial
bus clock.
USBP0+
USBP0-
I/O
UNIVERSAL SERIAL BUS PORT 0. These signals are the differential data
pair for Serial Port 0.
USBP1+
USBP1-
I/O
UNIVERSIAL SERIAL BUS PORT 1. These signals are the differential data
pair for Serial Port 1.
1.12.
System Reset Signals
Signal Name
Type
Description
PWROK
I
POWER OK: When asserted, PWROK is an indication to the PIIX/PIIX3
that power and PCICLK have been stable for at least 1 ms. PWROK can be
driven asynchronously. When PWROK is negated, the PIIX/PIIX3 asserts
CPURST, PCIRST# and RSTDRV. When PWROK is asserted, the
PIIX/PIIX3 negates CPURST, PCIRST#, and RSTDRV.
CPURST
od
CPU RESET: The PIIX/PIIX3 asserts CPURST to reset the CPU. The
PIIX/PIIX3 asserts CPURST during power-up and when a hard reset
sequence is initiated through the RC register. CPURST is driven
synchronously to the rising edge of PCICLK. If a hard reset is initiated
through the RC register, the PIIX/PIIX3 resets it’s internal registers to the
default state.
PCIRST#/
APICACK#
(PIIX3 Only)
O
O
PCI RESET: This signal has two functions, depending on the programming
of the APIC Chip Select bit (XBCS Register). See the APIC SIgnal
Description for the APICACK# function. The PIIX/PIIX3 asserts PCIRST# to
reset devices that reside on the PCI Bus. The PIIX/PIIX3 asserts PCIRST#
during power-up and when a hard reset sequence is initiated through the
RC register. PCIRST# is driven inactive a minimum of 1 ms after PWROK
is driven active. PCIRST# is driven active for a minimum of 1ms when
initiated through the RC register. PCIRST# is driven asynchronously
relative to PCICLK.
INIT
OD
INITIALIZATION: The PIIX/PIIX3 asserts INIT if it detects a shut down
special cycle on the PCI Bus or if a soft reset is initiated via the RC
Register.
RSTDRV
O
RESET DRIVE: The PIIX/PIIX3 asserts this signal during a hard reset and
during power-up to reset ISA Bus devices. RSTDRV is also asserted for a
minimum of 1 ms if a hard reset has been programmed in the RC Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com