Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 58 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 58 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 54Page - Intel Corporation PIIX3 Datasheet HTML 55Page - Intel Corporation PIIX3 Datasheet HTML 56Page - Intel Corporation PIIX3 Datasheet HTML 57Page - Intel Corporation PIIX3 Datasheet HTML 58Page - Intel Corporation PIIX3 Datasheet HTML 59Page - Intel Corporation PIIX3 Datasheet HTML 60Page - Intel Corporation PIIX3 Datasheet HTML 61Page - Intel Corporation PIIX3 Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
58
2.4.11.
INTRP
INTERRUPT PIN (Function 2) (PIIX3)
Address Offset:
3Dh
Default Value:
04h
Attribute:
Read only
This register indicates which PCI interrupt pin is used for the Universal Serial Bus module interrupt. The USB
interrupt is internally ORed to the interrupt controller with the PIRQD# signal.
Bit
Description
7:3
Reserved.
2:0
Serial Bus Module Interrupt Routing. This field is hardwired to 100b to select PIRQD#.
2.4.12.
SBRNUM
SERIAL BUS RELEASE NUMBER (Function 2) (PIIX3)
Address Offset:
60h
Default Value:
00h
Attribute:
Read only
This register contains the release of the Universal Serial Bus Specification with which this Universal Serial
Bus Host Controller module is compliant.
Bit
Description
7:0
Serial Bus Specification Release Number. All other combinations are reserved.
Bits[7:0] Release Number
00h
Pre-release 1.0
10h
Release 1.0
2.4.13.
MSTAT
MISCELLANEOUS STATUS REGISTER (Function 2) (PIIX3)
Address Offset:
6A
−6Bh
Default Value:
01h
Attribute:
Read/Write
This 16-bit register provides miscellaneous control and status for the USB function..
Bit
Description
15:1
Reserved
0
USB Clock Selection. 1=48 MHz. 0=24 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com