Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 70 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 70 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 66Page - Intel Corporation PIIX3 Datasheet HTML 67Page - Intel Corporation PIIX3 Datasheet HTML 68Page - Intel Corporation PIIX3 Datasheet HTML 69Page - Intel Corporation PIIX3 Datasheet HTML 70Page - Intel Corporation PIIX3 Datasheet HTML 71Page - Intel Corporation PIIX3 Datasheet HTML 72Page - Intel Corporation PIIX3 Datasheet HTML 73Page - Intel Corporation PIIX3 Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
70
2.5.3.1.
ICW1—Initialization Command Word 1 Register
I/O Address:
INT CNTRL-1—020h; INT CNTRL-2—0A0h
Default Value:
All bits undefined
Attribute:
Write Only
A write to Initialization Command Word 1 starts the interrupt controller initialization sequence. Addresses
020h and 0A0h are referred to as the base addresses of CNTRL-1 and CNTRL-2, respectively. An I/O write to
the CNTRL-1 or CNTRL-2 base address with bit 4 equal to 1 is interpreted as ICW1. For PIIX-based ISA
systems, three I/O writes to "base address + 1" must follow the ICW1. The first write to "base address + 1"
performs ICW2, the second write performs ICW3, and the third write performs ICW4.
ICW1 starts the initialization sequence during which the following automatically occur:
1.
The Interrupt Mask register is cleared.
2.
IRQ7 input is assigned priority 7.
3.
The slave mode address is set to 7.
4.
Special Mask Mode is cleared and Status Read is set to IRR.
5.
If IC4 was set to 0, then all functions selected by ICW4 are set to 0. However, ICW4 must be
programmed in the PIIX/PIIX3 implementation of this interrupt controller, and IC4 must be set to a 1.
Bit
Description
7:5
ICW/OCW select. These bits should be 000 when programming the PIIX.
4
ICW/OCW select. Bit 4 must be a 1 to select ICW1. After the fixed initialization sequence to
ICW1, ICW2, ICW3, and ICW4, the controller base address is used to write to OCW2 and
OCW3. Bit 4 is a 0 on writes to these registers. A 1 on this bit at any time will force the
interrupt controller to interpret the write as an ICW1. The controller will then expect to see
ICW2, ICW3, and ICW4.
3
Edge/Level Bank Select (LTIM). This bit is disabled. Its function is replaced by the
Edge/Level Triggered Control (ELCR) Registers.
2
ADI. Ignored for the PIIX.
1
Single or Cascade (SNGL). This bit must be programmed to a 0.
0
ICW4 Write Required (IC4). This bit must be set to a 1.
2.5.3.2.
ICW2—Initialization Command Word 2 Register
I/O Address:
INT CNTRL-1—021h; INT CNTRL-2—0A1h
Default Value:
All bits undefined
Attribute:
Write Only
ICW2 is used to initialize the interrupt controller with the five most significant bits of the interrupt vector
address.
Bit
Description
7:3
Interrupt Vector Base Address. Bits [7:3] define the base address in the interrupt vector
table for the interrupt routines associated with each interrupt request level input.
2:0
Interrupt Request Level. Must be programmed to all 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com