Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 30 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 30 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 26Page - Intel Corporation PIIX3 Datasheet HTML 27Page - Intel Corporation PIIX3 Datasheet HTML 28Page - Intel Corporation PIIX3 Datasheet HTML 29Page - Intel Corporation PIIX3 Datasheet HTML 30Page - Intel Corporation PIIX3 Datasheet HTML 31Page - Intel Corporation PIIX3 Datasheet HTML 32Page - Intel Corporation PIIX3 Datasheet HTML 33Page - Intel Corporation PIIX3 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
30
Table 6. PCI Bus Master IDE I/O Registers
Offset
From Base
Address
Mnemonic
Register
Register
Access
00h
BMICP
Bus Master IDE Command (primary)
R/W
01h
—
Reserved
—
02h
BMISP
Bus Master IDE Status (primary)
R/WC
03h
—
Reserved
—
04–07h
BMIDTPP
Bus Master IDE Descriptor Table Pointer (primary)
R/W
08h
BMICS
Bus Master IDE Command (secondary)
R/W
09h
—
Reserved
—
0Ah
BMISS
Bus Master IDE Status (secondary)
R/WC
0Bh
—
Reserved
—
0C–0Fh
BMIDTPS
Bus Master IDE Descriptor Table Pointer (secondary)
R/W
NOTE:
The base address is programmable via the BMIBA Register (20
−23h; function 1)
Table 7. USB Host/Controller I/O Registers
I/O Address
Mnemonic
Register Description
Register
Access
Base + (00
−01h)
USBCMD
USB Command
R/W
Base + (02
−03h)
USBSTS
USB Status
R/WC
Base + (04
−05h)
USBINTR
USB Interrupt Enable
R/W
Base + (06
−07h)
FRNUM
Frame Number
R/W**
Base + (08
−0Bh)
FRBASEADD
Frame List Base Address
R/W
Base + 0Ch
SOFMOD
Start Of Frame Modify
R/W
Base + (10
−11h)
PORTSC1
Port 1 Status/Control
R/WC**
Base + (12
−13h)
PORTSC2
Port 2 Status/Control
R/WC**
** NOTE: These registers are WORD writeable only.
Byte writes to these registers have unpredictable
effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com