Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 1 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 1 Page - Intel Corporation

  PIIX3 Datasheet HTML 1Page - Intel Corporation PIIX3 Datasheet HTML 2Page - Intel Corporation PIIX3 Datasheet HTML 3Page - Intel Corporation PIIX3 Datasheet HTML 4Page - Intel Corporation PIIX3 Datasheet HTML 5Page - Intel Corporation PIIX3 Datasheet HTML 6Page - Intel Corporation PIIX3 Datasheet HTML 7Page - Intel Corporation PIIX3 Datasheet HTML 8Page - Intel Corporation PIIX3 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
E
© INTEL CORPORATION 1996, 1997
April 1997
Order Number: 290550-002
n Bridge Between the PCI Bus and ISA Bus
n PCI and ISA Master/Slave Interface
 PCI from 25–33 MHz
 ISA from 7.5–8.33 MHz
 5 ISA Slots
n Fast IDE Interface
 Supports PIO and Bus Master IDE
 Supports up to Mode 4 Timings
 Transfer Rates to 22 MB/Sec
 8 x 32-Bit Buffer for Bus Master IDE PCI
Burst Transfers
 Separate Master/Slave IDE Mode
Support (PIIX3)
n Plug-n-Play Port for Motherboard Devices
 2 Steerable DMA Channels (PIIX Only)
 Fast DMA with 4-Byte Buffer (PIIX Only)
 2 Steerable Interrupts Lines on the PIIX
and 1 Steerable Interrupt Line on the
PIIX3
 1 Programmable Chip Select
n Steerable PCI Interrupts for PCI Device Plug-
n-Play
n PCI Specification Revision 2.1 Compliant
(PIIX3)
n Functionality of One 82C54 Timer
 System Timer; Refresh Request;
Speaker Tone Output
n Two 82C59 Interrupt Controller Functions
 14 Interrupts Supported
 Independently Programmable for
Edge/Level Sensitivity
n Enhanced DMA Functions
 Two 8237 DMA Controllers
 Fast Type F DMA
 Compatible DMA Transfers
 7 Independently Programmable
Channels
n X-Bus Peripheral Support
 Chip Select Decode
 Controls Lower X-Bus Data Byte
Transceiver
n I/O Advanced Programmable Interrupt
Controller (IOAPIC) Support (PIIX3)
n Universal Serial Bus (USB) Host Controller
(PIIX3)
 Compatible with Universal Host
Controller Interface (UHCI)
 Contains Root Hub with 2 USB Ports
n System Power Management (Intel SMM
Support)
 Programmable System Management
Interrupt (SMI)—Hardware Events,
Software Events, EXTSMI#
 Programmable CPU Clock Control
(STPCLK#)
 Fast On/Off Mode
n Non-Maskable Interrupts (NMI)
 PCI System Error Reporting
n NAND Tree for Board-Level ATE Testing
n 208-Pin QFP
The 82371FB (PIIX) and 82371SB (PIIX3) PCI ISA IDE Xcelerators are multi-function PCI devices
implementing a PCI-to-ISA bridge function and an PCI IDE function. In addition, the PIIX3 implements a
Universal Serial Bus host/hub function. As a PCI-to-ISA bridge, the PIIX/PIIX3 integrates many common I/O
functions found in ISA-based PC systems—a seven-channel DMA controller, two 82C59 interrupt controllers,
an 8254 timer/counter, and power management support. In addition to compatible transfers, each DMA
channel supports type F transfers. Chip select decoding is provided for BIOS, real time clock, and keyboard
controller. Edge/Level interrupts and interrupt steering are supported for PCI plug and play compatibility. The
PIIX/PIIX3 supports two IDE connectors for up to four IDE devices providing an interface for IDE hard disks
and CD ROMs. The PIIX/PIIX3 provides motherboard plug and play compatibility. PIIX implements two
steerable DMA channels (including type F transfers) and up to two steerable interrupt lines. PIIX3 implements
one steerable interrupt line. The interrupt lines can be routed to any of the available ISA interrupts. Both
PIIX/PIIX3 implement a programmable chip select.
PIIX3 contains a Universal Serial Bus (USB) Host Controller that is UHCI compatible. The Host Controller’s
root hub has two programmable USB ports. PIIX3 also provides support for an external IOAPIC.
This document describes the PIIX3 Component. Unshaded areas describe the 82371FB PIIX. Shaded areas,
like this one, describe the PIIX3 operations that differ from the 82371FB PIIX.
82371FB (PIIX) AND 82371SB (PIIX3)
PCI ISA IDE XCELERATOR


Similar Part No. - PIIX3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM15P12D007 IRF-PIIPM15P12D007 Datasheet
1Mb / 25P
Programmable Isolated IPM
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
NPT IGBTs 25A, 1200V
PIIPM50E06A004 IRF-PIIPM50E06A004 Datasheet
963Kb / 28P
Programmable Isolated IPM
PIIPM50E06A004X IRF-PIIPM50E06A004X Datasheet
963Kb / 28P
Programmable Isolated IPM
PIIPM50E06B004 IRF-PIIPM50E06B004 Datasheet
963Kb / 28P
Programmable Isolated IPM
More results

Similar Description - PIIX3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82371AB INTEL-82371AB Datasheet
1Mb / 284P
PCI-TO-ISA / IDE XCELERATOR PIIX4
logo
Motorola, Inc
PV1000 MOTOROLA-PV1000 Datasheet
303Kb / 3P
PCI/ISA Processor Module
logo
Intel Corporation
I82371MX INTEL-I82371MX Datasheet
1Mb / 133P
INTEL 430MX PCISET 82371MX MOBILE PCI I/O IDE XCELERATOR (MPIIX)
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
PCI to IDE/ATA
logo
Advantech Co., Ltd.
PCA-6104-0C1 ADVANTECH-PCA-6104-0C1 Datasheet
174Kb / 1P
ISA/PCI Backplanes
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
PCI/ISA Backplanes
PCA-6120P4-0B2E ADVANTECH-PCA-6120P4-0B2E Datasheet
128Kb / 1P
PCI/ISA Backplanes
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E Datasheet
138Kb / 1P
PCI/ISA Backplanes
PCA-6115QP2X-0A2E ADVANTECH-PCA-6115QP2X-0A2E Datasheet
176Kb / 1P
PCI/ISA Backplanes
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
PCI TO ISA BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com