Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 34 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 34 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 30Page - Intel Corporation PIIX3 Datasheet HTML 31Page - Intel Corporation PIIX3 Datasheet HTML 32Page - Intel Corporation PIIX3 Datasheet HTML 33Page - Intel Corporation PIIX3 Datasheet HTML 34Page - Intel Corporation PIIX3 Datasheet HTML 35Page - Intel Corporation PIIX3 Datasheet HTML 36Page - Intel Corporation PIIX3 Datasheet HTML 37Page - Intel Corporation PIIX3 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
34
increase the delay in increments of SYSCLKs. No additional delay is inserted for back-to-back I/O "sub
cycles" generated as a result of byte assembly or disassembly. This register defaults to 8 and 16-bit recovery
enabled with one SYSCLK clock added to the standard I/O recovery.
Bit
Description
7
DMA Reserved Page Register Aliasing Control (DMAAC). When DMAAC=0, the PIIX/PIIX3
aliases I/O accesses in the 90–9Fh range to the 80–8Fh range. In this case, the PIIX/PIIX3
only forwards write accesses to these locations to the ISA Bus.
PIIX: When DMAAC=1, the PIIX disables aliasing for the following registers; 80h, 84
−86h, 88h,
and 8C
−8Eh. When disabled, the PIIX forwards read and write accesses to these registers to
the ISA.
PIIX3: When DMAAC=1, the PIIX3 disables aliasing for the entire 90–9Fh range (they are
considered ISA bus register locations). When disabled, the PIIX3 forwards read ands write
accesses to these registers to ISA.
Note, that port 92h is always a distinct ISA register in the 90–9Fh range and is always
forwarded to the ISA Bus. When DMAAC=1, ISA master accesses to the 90–9Fh range are
ignored by the PIIX. Also, when DMAAC=1, the PIIX/PIIX3 does not re-load the power
management fast-off-timer with its original value for accesses to the 90–9Fh address range.
6
8-Bit I/O Recovery Enable. 1=Enable the recovery time programmed in bits [5:3]. 0=Disable
recovery times in bits [5:3] and the recovery timing of 3.5 SYSCLKs is inserted.
5:3
8-Bit I/O Recovery times. When bit 6=1, this 3-bit field defines the recovery time for 8-bit I/O.
Bit[5:3]
SYSCLK
Bit[5:3]
SYSCLK
001
1
101
5
010
2
110
6
011
3
111
7
100
4
000
8
2
16-Bit I/O Recovery Enable. 1=Enable, the recovery times programmed in bits [1:0].
0=Disable, programmable recovery times in bits [1:0] and the recovery timing of 3.5 SYSCLKs
is inserted.
1:0
16-Bit I/O Recovery Times. When bit 2=1, this 2-bit defines the recovery time for 16-bit I/O.
Bit[1:0]
SYSCLK
01
1
10
2
11
3
00
4
2.2.9.
XBCS—X-BUS CHIP SELECT REGISTER (Function 0)
Address Offset:
4Eh (PIIX)
4E
−4Fh (PIIX3)
Default Value:
03h
Attribute:
Read/Write
This register enables/disables accesses to the RTC, keyboard controller, IOAPIC (PIIX3 only), and BIOS.
Disabling any of these bits prevents the chip select and X-Bus output enable control signal (XOE#) for that
device from being generated. This register also provides coprocessor error and mouse functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com