Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 87 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 87 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 83Page - Intel Corporation PIIX3 Datasheet HTML 84Page - Intel Corporation PIIX3 Datasheet HTML 85Page - Intel Corporation PIIX3 Datasheet HTML 86Page - Intel Corporation PIIX3 Datasheet HTML 87Page - Intel Corporation PIIX3 Datasheet HTML 88Page - Intel Corporation PIIX3 Datasheet HTML 89Page - Intel Corporation PIIX3 Datasheet HTML 90Page - Intel Corporation PIIX3 Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
87
Bit
Description
1
Connect Status Change
R/WC. 1=Change in Current Connect Status. 0=No change.
Indicates a change has occurred in the port’s Current Connect Status (see bit 0). The hub
device sets this bit for any changes to the port device connect status, even if system
software has not cleared a connect status change. If, for example, the insertion status
changes twice before system software has cleared the changed condition, hub hardware will
be “setting” an already-set bit (i.e., the bit will remain set). However, the hub transfers the
change bit only once when the Host Controller requests a data transfer to the Status Change
endpoint. System software is responsible for determining state change history in such a
case. Software sets this bit to 0 by writing a 1 to it.
0
Current Connect Status
RO. 1=Device is present on port. 0=No device is present. This
value reflects the current state of the port, and may not correspond directly to the event that
caused the Insertion Status Change bit (Bit 1) to be set.
Table 10 and Table 11 show Host Controller behavior when a port receives resume, connect, or disconnect
signaling and the Host Controller is in global suspend state or not in the global suspend state. A full
explanation of hub behavior is given in Chapter 11 of the USB specification. Typically, the PORTSC register
associated with the port receiving the signaling reflects the status change appropriate for the type of signaling
received. Resume signaling (K-State) is recognized in the PORTSC register only if the port is in selective
suspend (PORTSC[bits 2,12]=1,1). Resume is recognized (USBSTS[bit 2]=1), if resume is received on a
suspended or enabled port when the Host Controller is in the global suspend state (USBCMD[bit 3]=1).
The host may also initiate a resume on a suspended port or when the Host Controller has been suspended
by writing the appropriate resume-detect/force-resume bit to a 1. A global resume is started by writing
USBCMD[bit 4] to a 1. A K-State signal is sent on all enabled ports. Any port that needs to send the resume
signal and is not enabled must be enabled before the resume is forced. A resume can be forced on a
selectively suspended port by writing the corresponding PORTSC[bit 6] to a 1.
Resume signaling is ended by clearing the appropriate suspend and resume bits. This is true for either
selective or global resumes, or resumes initiated by signaling at the port or by the Host Controller. For proper
single-ended zero termination of the resume signaling, the suspend and resume bits must be simultaneously
written to 0 (same write cycle) or the suspend must be written to a 0 after the resume bit is reset. Resume is
ended on a suspended Host Controller by writing USBCMD[bits 3,4] to 0. Resume is ended on a suspended
port by writing PORTSC[bits 6,12] to 0. If signaling on a suspended port in a globally suspended Host
Controller is the source of the resume, the Host Controller suspend and resume bits should be cleared before
the port bits are cleared.
Table 10. Behavior During Resume When Host Not In Global Suspend State
Adjacent Port Response
Port Status and
Signaling Type
Signaled Port Response
Enabled Port
Disabled
Port
Suspended
Port
Port disabled,
resume K-State received
No Effect
No Effect
No Effect
No Effect
Port suspended, Resume
K-State received
Resume reflected downstream
on signaled port. Resume
Detect status bit in PORTSC
register is set.
No Effect
No Effect
No Effect
Port enabled, disabled or
suspended and
disconnect received
PORTSC Connect and Enable
status bits are cleared, and
Connect Change and
Enable/Disable Change status
bits are set.
No Effect
No Effect
No Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com