Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 90 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 90 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 86Page - Intel Corporation PIIX3 Datasheet HTML 87Page - Intel Corporation PIIX3 Datasheet HTML 88Page - Intel Corporation PIIX3 Datasheet HTML 89Page - Intel Corporation PIIX3 Datasheet HTML 90Page - Intel Corporation PIIX3 Datasheet HTML 91Page - Intel Corporation PIIX3 Datasheet HTML 92Page - Intel Corporation PIIX3 Datasheet HTML 93Page - Intel Corporation PIIX3 Datasheet HTML 94Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
90
NOTES:
1.
Except accesses to programmed memory hole.
2.
Forward to main memory if bit 6=0 in the XBCS Register and bit 3=1 in the TOM Register.
3.
Forward to main memory if bit 1=0 in the TOM Register.
3.1.3.
BIOS MEMORY
The PIIX/PIIX3 supports 512 Kbytes of BIOS space. This includes the normal 128-Kbyte space plus an
additional 384-Kbyte BIOS space (known as the extended BIOS area). The XBCS Register provides BIOS
space access control. Access to the lower 64-Kbyte block of the 128-Kbyte space and the extended BIOS
space can be individually enabled/disabled. In addition, write protection can be programmed for the entire
BIOS space.
PCI Access to BIOS Memory
The 128-Kbyte BIOS memory space is located at 000E0000–000FFFFFh (top of 1 Mbyte) and is aliased at
FFFE0000h (top of 4 Gbytes). This 128-Kbyte byte block is split into two 64-Kbyte blocks. Accesses to the
top 64 Kbytes (000F0000–000FFFFFh) are forwarded to the ISA Bus and BIOSCS# is always generated.
Accesses to the bottom 64 Kbytes (000E0000–000EFFFFh) are forwarded to the ISA Bus and BIOSCS# is
only generated when this BIOS region is enabled. 1.If this BIOS region is enabled (bit 6=1 in the XBCS
Register), accesses to the aliased region at the top of 4 Gbytes (FFFE0000h - FFFEFFFFh) are forwarded to
ISA and BIOSCS# generated. If disabaled, these accesses are not forwarded to ISA and BIOSCS# is not
generated.
The additional 384-Kbyte region resides at FFF80000–FFFDFFFFh. If this BIOS region is enabled (bit 7=1 in
the XBCS Register), these accesses (FFF80000h–FFFDFFFFh) are forwarded to ISA and BIOSCS#
generated. If disabled, these accesses are not forwarded to ISA and BIOSCS# not generated.
ISA Access to BIOS Memory
The PIIX/PIIX3 confines all ISA-initiated BIOS accesses to the top 64 Kbytes of the 128-Kbyte region
(F0000–FFFFFh) to the ISA Bus, even if BIOS is shadowed in main memory. Accesses to the bottom 64
Kbytes of the 128-Kbyte BIOS region (E0000–EFFFFh) are confined to the ISA Bus, when this region is
enabled. When the BIOS region is disabled, accesses are forwarded to main memory.
Accesses to the top 64-Kbyte BIOS region always generates BIOSCS#. Accesses to the bottom 64-Kbyte
BIOS region generate BIOSCS#, when this region is enabled.
3.2.
PCI Interface
The PIIX/PIIX3 incorporates a fully PCI Bus compatible master and slave interface. As a PCI master, the
PIIX/PIIX3 runs cycles on behalf of DMA, ISA masters, or a bus master IDE. As a PCI slave, the PIIX/PIIX3
accepts cycles initiated by PCI masters targeted for the PIIX's internal register set or the ISA bus. The
PIIX/PIIX3 directly supports the PCI interface running at either 25 MHz, 30 MHz, or 33 MHz.
3.2.1.
TRANSACTION TERMINATION
The PIIX/PIIX3 supports the standard PCI cycle terminations as described in the PCI Local Bus specification.
PIIX/PIIX3 As Master—Master-Initiated Termination: The PIIX/PIIX3 supports three forms of master-
initiated termination: 1.) Normal termination of a completed transaction, 2.) Normal termination of an
incomplete transaction due to timeout (applies to line buffer operations-IDE Bus Master, 3.) Abnormal
termination due to the slave not responding to the transaction (Abort).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com