Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 15 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 15 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 11Page - Intel Corporation PIIX3 Datasheet HTML 12Page - Intel Corporation PIIX3 Datasheet HTML 13Page - Intel Corporation PIIX3 Datasheet HTML 14Page - Intel Corporation PIIX3 Datasheet HTML 15Page - Intel Corporation PIIX3 Datasheet HTML 16Page - Intel Corporation PIIX3 Datasheet HTML 17Page - Intel Corporation PIIX3 Datasheet HTML 18Page - Intel Corporation PIIX3 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
15
1.5.
DMA Signals
Signal Name
Type
Description
DREQ
[7:5,3:0]
I
DMA REQUEST: The DREQ lines are used to request DMA service from
the PIIX/PIIX3 ’s DMA controller or for a 16-bit master to gain control of the
ISA expansion bus. The active level (high or low) is programmed via the
DMA Command Register. The request must remain active until the
appropriate DACKx# signal is asserted.
DACK
[7:5,3:0]#
O
DMA ACKNOWLEDGE: The DACK output lines indicate that a request
for DMA service has been granted by the PIIX/PIIX3 or that a 16-bit master
has been granted the bus. The active level (high or low) is programmed via
the DMA Command Register. These lines should be used to decode the
DMA slave device with the IOR# or IOW# line to indicate selection. If used
to signal acceptance of a bus master request, this signal indicates when it
is legal to assert MASTER#.
For the PIIX, when TC is sampled low on the assertion of PWORK
(External DMA mode), the PIIX tri-states these signals. This mode is not
available on PIIX3.
TC
O
TERMINAL COUNT: The PIIX/PIIX3 asserts TC to DMA slaves as a
terminal count indicator. When all the DMA channels are not in use, TC is
negated (low).
Hardware Strapping Option (PIIX Only)
This strapping option selects between the internal ISA DMA mode and
External DMA mode. When TC is sampled high on the assertion of
PWROK (ISA DMA mode), the PIIX drives the AEN, TC, and DACK#[7:5,
3:0] normally. When TC is sampled low on the assertion of PWROK
(External DMA mode), the PIIX tri-states the AEN, TC, and DACK[7:5,
3:0]# signals, and also forwards PCI masters I/O accesses to location
0000h to ISA. TC has an internal pull-up resistor. To tie TC low, an
external 1 K
Ω pull-down resistor should be used. For the PIIX3, this signal
should not be pulled down.
REFRESH#
I/O
REFRESH: As an output, REFRESH# indicates when a refresh cycle is in
progress. It should be used to enable the SA[7:0] address to the row
address inputs of all banks of dynamic memory on the ISA Bus. Thus,
when MEMR# is asserted, the entire expansion bus dynamic memory is
refreshed. Memory slaves must not drive any data onto the bus during
refresh. As an output, this signal is driven directly onto the ISA Bus. This
signal is an output only when the PIIX/PIIX3 DMA refresh controller is a
master on the bus responding to an internally generated request for
refresh. As an input, REFRESH# is driven by 16-bit ISA Bus masters to
initiate refresh cycles.
1.6.
Timer/Counter Signals
Signal Name
Type
Description
SPKR
O
SPEAKER DRIVE: The SPKR signal is the output of counter 2.
OSC
I
OSCILLATOR: OSC is the 14.31818 MHz ISA clock signal. It is used by
the internal 8254 Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com