Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 36 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 36 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 32Page - Intel Corporation PIIX3 Datasheet HTML 33Page - Intel Corporation PIIX3 Datasheet HTML 34Page - Intel Corporation PIIX3 Datasheet HTML 35Page - Intel Corporation PIIX3 Datasheet HTML 36Page - Intel Corporation PIIX3 Datasheet HTML 37Page - Intel Corporation PIIX3 Datasheet HTML 38Page - Intel Corporation PIIX3 Datasheet HTML 39Page - Intel Corporation PIIX3 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
36
2.2.10.
PIRQRC[A:D]—PIRQx ROUTE CONTROL REGISTERS (Function 0)
Address Offset :
60h (PIRQRCA#)—63h (PIRQRCD#)
Default Value:
80h
Attribute:
R/W
These registers control the routing of the PIRQ[A:D]# signals to the IRQ inputs of the interrupt controller.
Each PIRQx# can be independently routed to any one of 11 interrupts. All four PIRQx# lines can be routed to
the same IRQx input. Note that the IRQ that is selected through bits [3:0] must be set to level sensitive mode
in the corresponding ELCR Register. When a PIRQ signal is routed to an interrupt controller IRQ, the
PIIX/PIIX3 masks the corresponding IRQ signal.
Bit
Description
7
Interrupt Routing Enable. 0=Enable; 1=Disable
6:4
Reserved. Read as 0s.
3:0
Interrupt Routing. When bit 7=0, this field selects the routing of the PIRQx to one of the
interrupt controller interrupt inputs.
Bits[3:0]
IRQ Routing
Bits[3:0]
IRQ Routing
Bits[3:0]
IRQ Routing
0000
Reserved
0110
IRQ6
1011
IRQ11
0001
Reserved
0111
IRQ7
1100
IRQ12
0010
Reserved
1000
Reserved
1101
Reserved
0011
IRQ3
1001
IRQ9
1110
IRQ14
0100
IRQ4
1010
IRQ10
1111
IRQ15
0101
IRQ5
2.2.11.
TOM—TOP OF MEMORY REGISTER (Function 0)
Address Offset:
69h
Default Value:
02h
Attribute:
Read/Write
This register enables the forwarding of ISA or DMA memory cycles to the PCI Bus and sets the top of main
memory accessible by ISA or DMA devices. In addition, this register controls the forwarding of ISA or DMA
accesses to the lower BIOS region (E0000–EFFFFh) and the 512–640-Kbyte main memory region (80000–
9FFFFh). The Top Of Memory configuration register must be set by the BIOS.
Bit
Description
7:4
Top Of Memory. The top of memory can be assigned in 1-Mbyte increments from 1–16
Mbytes. ISA or DMA accesses within this region, and not in the memory hole region, are
forwarded to PCI.
Bits[7:4] Top of Memory
Bits[7:4]
Top of Memory
Bits[7:4]
Top of Memory
0000
1 Mbyte
0110
7 Mbyte
1011
12 Mbyte
0001
2 Mbyte
0111
8 Mbyte
1100
13 Mbyte
0010
3 Mbyte
1000
9 Mbyte
1101
14 Mbyte
0011
4 Mbyte
1001
10 Mbyte
1110
15 Mbyte
0100
5 Mbyte
1010
11 Mbyte
1111
16 Mbyte
0101
6 Mbyte
Note that the PIIX/PIIX3 only supports a main memory hole at the top of 16 Mbytes. Thus, If
a 1-Mbyte memory hole is created for the Host-to-PCI Bridge DRAM controller between 15
and 16 Mbytes, the PIIX/PIIX3 Top Of Memory should be set at 15 Mbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com