Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 117 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 117 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 113Page - Intel Corporation PIIX3 Datasheet HTML 114Page - Intel Corporation PIIX3 Datasheet HTML 115Page - Intel Corporation PIIX3 Datasheet HTML 116Page - Intel Corporation PIIX3 Datasheet HTML 117Page - Intel Corporation PIIX3 Datasheet HTML 118Page - Intel Corporation PIIX3 Datasheet HTML 119Page - Intel Corporation PIIX3 Datasheet HTML 120Page - Intel Corporation PIIX3 Datasheet HTML 121Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
117
4.2.
PACKAGE DIMENSIONS
A
D
D1
L1
b
Units: mm
1
52
53
104
105
156
157
208
pkg_pix3.drw
T
A1
Y
* Note* Height Measurements same
as Width Measurements
e1
C
051916
Figure 12. 208 Pin Quad Flat Pack (QFP) Dimensions
Table 16. 208 Pin Quad Flat Pack (QFP) Dimensions
Symbol
Description
Value (mm)
A
Seating Height
4.25 (max)
A1
Stand-off
0.05 (min); 0.40 (max)
b
Lead Width
0.2
± 0.10
C
Lead Thickness
0.15 +0.1/-0.05
D
Package Length and Width, including pins
30.6
± 0.4
D1
Package Length and Width, excluding pins
28
± 0.2
e1
Linear Lead Pitch
0.5
± 0.1
Y
Lead Coplanarity
0.08 (max)
L1
Foot Length
0.5
± 0.2
T
Lead Angle
0o - 10o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com