Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 22Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 23Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 24Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 25Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 26Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 27Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 28Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 29Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
50 Buffer Management (Continued)
53 DESCRIPTOR DATA ALIGNMENT
All fields used by descriptors (RXpktxxx RXrsrcxxx and
TXpktxxx) are word quantities (16-bit) and must be aligned
to word boundaries (A0e0) for 16-bit memory and to long
word boundaries (A1A0e00) for 32-bit memory The Re-
ceive Buffer Area (RBA) must also be aligned to a word
boundary in 16-bit mode and a long word boundary in 32-bit
mode The fragments in the Transmit Buffer Area (TBA)
however may be aligned on any arbitrary byte boundary
54 RECEIVE BUFFER MANAGEMENT
The Receive Buffer Management operates on three areas in
memory into which data status and control information are
written during reception
(Figure 5-3) These three areas
must be initialized (Section 544) before enabling the re-
ceiver (setting the RXEN bit in the Command Register) The
Receive Resource Area (RRA) contains descriptors that lo-
cate Receive Buffer Areas in system memory These de-
scriptors are denoted by R1 R2 etc in
Figure 5-3 Packets
(denoted by P1 P2 etc) can then be buffered into the cor-
responding RBAs Depending on the size of each buffer
area and the size of the packet(s) multiple or single packets
are buffered into each RBA The Receive Descriptor Area
(RDA) contains status and control information for each
packet (D1 D2 etc in
Figure 5-3 ) corresponding to each
received packet (D1 goes with P1 D2 with P2 etc)
When a packet arrives the address recognition logic checks
the address for a Physical Multicast or Broadcast match
and if the packet is accepted the SONIC-T buffers the
packet contiguously into the selected Receive Buffer Area
(RBA) Because of the previous end-of-packet processing
the SONIC-T assures that the complete packet is written
into a single contiguous block When the packet ends the
SONIC-T writes the receive status byte count and location
of the packet into the Receive Descriptor Area (RDA) The
SONIC-T then updates its pointers to locate the next avail-
able descriptor and checks the remaining words available in
the RBA If sufficient space remains the SONIC-T buffers
the next packet immediately after the previous packet If the
current buffer is out of space the SONIC-T fetches a Re-
source Descriptor from the Receive Resource Area (RRA)
acquiring an additional buffer that has been previously allo-
cated by the system
541 Receive Resource Area (RRA)
As buffer memory is consumed by the SONIC-T for storing
data the Receive Resource Area (RRA) provides a mecha-
nism that allows the system to allocate additional buffer
space for the SONIC-T The system loads this area with
Resource Descriptors that the SONIC-T in turn reads as its
current buffer space is used up Each Resource Descriptor
consists of a 32-bit buffer pointer locating the starting point
of the RBA and a 32-bit word count that indicates the size of
the buffer in words (2 bytes per word) The buffer pointer
and word count are contiguously located using the format
shown in
Figure 5-4 with each component composed of
16-bit fields The SONIC-T stores this information internally
and concatenates the corresponding fields to create 32-bit
long words for the buffer pointer and word count Note that
in 32-bit mode the upper word (Dk3116l) is not used by
the SONIC-T This area may be used for other purposes
since the SONIC-T never writes into the RRA
The SONIC-T organizes the RRA as a circular queue for
efficient processing of descriptors Four registers define the
RRA The first two the Resource Start Area (RSA) and the
Resource End Area (REA) registers determine the starting
and ending locations of the RRA and the other two regis-
ters update the RRA The system adds descriptors at the
address specified by the Resource Write Pointer (RWP)
and the SONIC-T reads the next descriptor designated by
the Resource Read Pointer (RRP) The RRP is advanced 4
words in 16-bit mode (4 long words in 32-bit mode) after the
SONIC-T finishes reading the RRA and automatically wraps
around to the beginning of the RRA once the end has been
reached
When a descriptor in the RRA is read
the
RXrscbuff
pt01 is loaded into the CRBA01 registers and
the RXrscbuff
wc01 is loaded into the RBWC01 regis-
ters
The alignment of the RRA is confined to either word or long
word boundaries depending upon the data width mode In
16-bit mode the RRA must be aligned to a word boundary
(A0 is always zero) and in 32-bit mode the RRA is aligned
to a long word boundary (A0 and A1 are always zero)
TLF12597 – 16
FIGURE 5-3 Overview of Receive Buffer Management
http
www nationalcom
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com