Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 29Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 30Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 31Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 32Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 33Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 34Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 35Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 36Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
50 Buffer Management (Continued)
The SONIC-T performs a block operation of 6 3 or 2 ac-
cesses in the TDA depending on where the SONIC-T is in
the transmit process For the first fragment it reads the
TXpktconfig to TXpktfrag
size (6 accesses) For the next
fragment if any it reads the next 3 fields from TXpktfrag
ptr0 to TXpktfrag
size (3 accesses) At the end of trans-
mission it writes the status information to TXpktstatus and
reads the TXpktlink field (2 accesses)
5532 Transmit Completion
The SONIC-T stops transmitting under two conditions In
the normal case the SONIC-T transmits the complete list of
descriptors in the TDA and stops after it detects EOL e 1
In the second case certain transmit errors cause the
SONIC-T to abort transmission If
FIFO Underrun Byte
Count Mismatch Excessive Collision or Excessive Deferral
(if enabled) errors occur transmission ceases The CTDA
register points to the last packet transmitted The system
can also halt transmission under software control by setting
the HTX bit in the Command register Transmission halts
after the SONIC-T writes to the TXpktstatus field
554 Dynamically Adding TDA Descriptors
Descriptors can be dynamically added during transmission
without halting the SONIC-T The SONIC-T can also be
guaranteed to transmit the complete list including newly ap-
pended descriptors (barring any transmit abort conditions)
by observing the following rule The last TXpktlink field
must point to the next location where a descriptor will be
added (see step 3 below and
Figure 5-16 )
The procedure for appending descriptors consists of
1 Creating a new descriptor with its TXpktlink pointing to
the next vacant descriptor location and its EOL bit set to
a ‘‘1’’
2 Resetting the EOL bit to a ‘‘0’’ of the previously last de-
scriptor
3 Re-issuing the Transmit command (setting the TXP bit in
the Command register)
Step 3 assures that the SONIC-T will transmit all the pack-
ets in the list If the SONIC-T is currently transmitting the
Transmit command has no effect and continues transmitting
until it detects EOL e 1 If the SONIC-T had just finished
transmitting it continues transmitting from where it had pre-
viously stopped
TLF12597 – 25
FIGURE 5-16 Initializing Last Link Field
60 SONIC-T Registers
The SONIC-T contains two sets of registers The status
control registers and the CAM memory cells The status
control registers are used to configure control and monitor
SONIC-T operation They are directly addressable registers
and occupy 64 consecutive address locations in the system
memory space (selected by the RA5 – RA0 address pins)
There are a total of 64 statuscontrol registers divided into
the following categories
User Registers
These registers are accessed by the user
to configure
control
and monitor SONIC-T operation
These are the only SONIC-T registers the user needs to
access
Figure 6-3 shows the programmer’s model and Ta-
ble 6-1 lists the attributes of each register
Internal Use Registers
These registers (Table 6-2) are
used by the SONIC-T during normal operation and are not
intended to be accessed by the user
National Factory Test Registers
These registers (Table
6-3) are for National factory use only and should never be
accessed by the user Accessing these registers during nor-
mal operation can cause improper functioning of the
SONIC-T
61 THE CAM UNIT
The CAM unit memory cells are indirectly accessed by pro-
gramming the CAM descriptor area in system memory and
issuing the LCAM command (setting the LCAM bit in the
Control register) The CAM cells do not occupy address lo-
cations in register space and thus are not accessible
through the RA5 – RA0 address pins The CAM control regis-
ters however are part of the user register set and must be
initialized before issuing the LCAM command (see Section
6410)
The Content Addressable Memory (CAM) consists of six-
teen 48-bit entries for complete address filtering
(Figure 6-1)
of network packets Each entry corresponds to a 48-bit des-
tination address that is user programmable and can contain
any combination of Multicast or Physical addresses Each
entry is partitioned into three 16-bit CAM cells accessible
through CAM Address Ports (CAP2 CAP1 and CAP0) with
CAP0 corresponding to the least significant 16 bits of the
Destination Address and CAP2 corresponding to the most
significant bits The CAM is accessed in a two step process
First the CAM Entry Pointer is loaded to point to one of the
16 entries Then each of the CAM Address Ports is ac-
cessed to select the CAM cell The 16 user programmable
CAM entries can be masked out with the CAM Enable regis-
ter (see Section 6410)
Note
It is not necessary to program a broadcast address into the CAM
when it is desired to accept broadcast packets Instead to accept
broadcast packets set the BRD bit in the Receive Control register If
the BRD bit has been set the CAM is still active This means that it is
possible to accept broadcast packets at the same time as accepting
packets that match physical addresses in the CAM
611 The Load CAM Command
Because the SONIC-T uses the CAM for a relatively long
period of time during reception it can only be written to via
the CAM Descriptor Area (CDA) and is only readable when
http
www nationalcom
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com