Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 47Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 48Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 49Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 50Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 51Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 52Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 53Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 54Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 104 page
background image
60 SONIC-T Registers (Continued)
647 Data Configuration Register 2
(RAk50l e 3Fh)
This register
(Figure 6-10) is for enabling the extended bus interface options
A hardware reset will set all bits in this register to ‘‘0’’ except for the Extended Programmable Outputs which are unknown until
written to A software reset will not affect any bits in this register This register should only be written to when the SONIC-T is in
software reset (the RST bit in the Command Register is set)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EXPO3
EXPO2
EXPO1
EXPO0
HD
0
JD
AUTO
0
XWRAP
FD
PH
0
PCM
PCNM
RJCM
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
FIGURE 6-10 Data Configuration Register 2
Field
Meaning
EXPO3 – 0 EXTENDED PROGRAMMABLE OUTPUTS
HD
HEART BEAT DISABLE
JD
TPI JABBER TIMER DISABLE
AUTO
AUITPI AUTO SELECTION
XWRAP
TPI TRANSCEIVER LOOPBACK
FD
FULL DUPLEX
PH
PROGRAM HOLD
PCM
PACKET COMPRESS WHEN MATCHED
PCNM
PACKET COMPRESS WHEN NOT MATCHED
RJCM
REJECT ON CAM MATCH
Bit
Description
15–12
EXPOk30l EXTENDED PROGRAMMABLE OUTPUTS
These bits program the level of the Extended User outputs (EXUSRk30l) when the SONIC-T is a bus master
Writing a ‘‘1’’ to any of these bits programs a high level to the corresponding output Writing a ‘‘0’’ to any of these
bits programs a low level to the corresponding output EXUSRk30l are similiar to USRk10l except that
EXUSRk30l are only available when the Extended Bus mode is selected (bit 15 in the DCR is set to ‘‘1’’ see
Section 642)
11
HD HEART BEAT DISABLE
This bit allows the SONIC-T to ignore the heart beat signal
0 Enable heart beat
1 Disable heart beat
9
JD TPI JABBER TIMER DISABLE
This bit allows the user to turn onoff the jabber timer
0 Enable the jabber timer
1 Disable the jabber timer
8
AUTO AUITPI AUTO SELECTION
This bit allows the SONIC-T to check for a good link on the TPI and AUI SONIC-T will first look for a good link on the
TPI If there is no good link on the TPI SONIC-T will automatically select the AUI If this bit is enable the AUITPI pin
will be ignored
0 Disable AUITPI auto selection
1 Enable AUITPI auto selection
7
Must be zero
6
XWRAP TPI TRANSCEIVER LOOPBACK
This bit controls the loopback operation for the TPI transceiver For proper operation the CAM Address Registers
and Receiver Control Register must be initialized to accept the destination address of the loopback packet (refer to
loopback procedure) Also both bits 9 and 10 of the RCR must be set to 1
0 Disable TPI transceiver loopback
1 Enable TPI transceiver loopback
http
www nationalcom
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com