Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 13Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 14Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 15Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 16Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 17Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 18Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 19Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 20Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
30 Functional Description (Continued)
During transmission of a packet from the SONIC-T the
transceiver will always loop the packet back to the
SONIC-T The SONIC-T will use this to monitor the packet
as it is being transmitted The CRC and source address of
the looped back packet are checked with the CRC and
source address that were transmitted If they do not match
an error bit is set in the status of the transmitted packet (see
Packet Monitored Bad PMB in the Transmit Control Regis-
ter Section 644) Data is not written to the receive FIFO
during this monitoring process unless a Loopback mode has
been selected (see Section 37)
Receive Logic
The receive logic contains the command
control and status registers that govern the operations of
the receive section It generates the control signals for writ-
ing data to the receive FIFO processes error signals ob-
tained from the CRC checker and the deserializer activates
the ‘‘packet reject’’ signal to the RSM for rejecting packets
and posts the applicable status in the Receive Control regis-
ter
Deserializer
This section deserializes the serial input data
stream and provides a byte clock for the address compara-
tor and receive logic It also synchronizes the CRC checker
to begin operation (after SFD is detected) and checks for
proper frame alignment with respect to CRS going inactive
at the end of reception
Address Comparator
The address comparator latches the
Destination Address (during reception or loopback) or
Source Address (during transmission) and determines
whether the address matches one of the entries in the CAM
CRC Checker
The CRC checker calculates the 4-byte
Frame Check Sequence (FCS) field from the incoming data
stream and compares it with the last 4-bytes of the received
packet The CRC checker is active for both normal recep-
tion and self-reception during transmission
Content Addressable Memory (CAM)
The CAM contains
16 user programmable entries and 1 pre-programmed
Broadcast address entry for complete filtering of received
packets The CAM can be loaded with any combination of
Physical and Multicast Addresses (see Section 42) See
Section 61 for the procedure on loading the CAM registers
332 MAC Transmit Section
The transmit section
(Figure 3-7) is responsible for reading
data from the transmit FIFO and transmitting a serial data
stream onto the network in conformance with the IEEE
8023 Carrier Sense Multiple Access with Collision Detec-
tion (CSMACD) standard The Transmit Section consists of
the following blocks
Transmit State Machine (TSM)
The TSM controls the
functions of the serializer preamble generator and JAM
generator It determines the proper sequence of events that
the transmitter follows under various network conditions If
no collision occurs the transmitter prefixes a 62-bit pream-
ble and 2-bit Start of Frame Delimiter (SFD) at the beginning
of each packet and then sends the serialized data At the
end of the packet an optional 4-byte CRC pattern is ap-
pended If a collision occurs the transmitter switches from
transmitting data to sending a 4-byte Jam pattern to notify
all nodes that a collision has occurred Should the collision
occur during the preamble the transmitter waits for it to
complete before jamming After the transmission has com-
pleted the transmitter writes status in the Transmit Control
register (see Section 644)
Protocol State Machine
The protocol state machine as-
sures that the SONIC-T obeys the CSMACD protocol Be-
fore transmitting this state machine monitors the carrier
sense and collision signals for network activity If any other
nodes are currently transmitting the SONIC-T defers its
transmission until the network is quiet It then transmits after
its Interframe Gap Timer (96 ms) has expired The Inter-
frame Gap time is divided into two portions During the first
64 ms any new network activity will restart the Interframe
Gap timer Beyond this time however network activity is
ignored and the state machine waits the remaining 32 ms
before transmitting If the SONIC-T experiences a collision
during a transmission it switches from transmitting data to
transmitting a 4-byte JAM pattern (4 bytes of all 1’s) before
ceasing to transmit The SONIC-T then waits a random
number of slot times (512 ms) determined by the
Truncated
Binary Exponential Backoff Algorithm before reattempting
another transmission In this algorithm the number of slot
times to delay before the nth retransmission is chosen to be
a random integer r in the range of
0 s r s 2k
where k e min(n10)
If a collision occurs on the 16th transmit attempt the
SONIC-T aborts transmitting the packet and reports an ‘‘Ex-
cessive Collisions’’ error in the Transmit Control register
TLF12597 – 10
FIGURE 3-7 MAC Transmitter
http
www nationalcom
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com