Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 7Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 8Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 9Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 10Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 11Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 12Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 13Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 14Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
20 Pin Description (Continued)
TABLE 2-1 Pin Description
(Continued)
Symbol
Driver
Direction
Description
Type
UNCONNECTED PINS
TEST
I
FACTORY TEST INPUT
Used to check the chip’s internal functions This pin should be left
unconnected during normal operation
POWER AND GROUND PINS
VCC 1–9
POWER
The a5V power supply for the digital portions of the SONIC-T
VCCL
TXVCC
POWER
These pins are the a5V power supply for the SONIC-T ENDEC unit These pins must
be tied to VCC even if the internal ENDEC is not used
RXVCC
PLLVCC
OSCVCC
RXTVCC
POWER
These pins are the a5V power supply for the SONIC-T TPI unit These pins must be
tied to VCC even if the internal TPI module is not used
TPVCC
GND 1 – 10
GROUND
These pins are the ground references for the digital portions of the SONIC-T
GNDL
GND
TXGND
GROUND
These pins are the ground references for the SONIC-T ENDEC unit and TPI module
These pins must be tied to ground even if the internal ENDEC unit andor the TPI module are
RXGND
not used
PLLGND
OSCGND
TPGND
http
www nationalcom
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com