Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 57Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 58Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 59Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 60Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 61Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 62Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 63Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 64Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
70 Bus Interface (Continued)
735 Master Mode Bus Cycles
In order to add additional compatibility with different bus
architectures there are two other modes that affect the op-
eration of the bus These modes are called the synchronous
and asynchronous modes and are programmed by setting
or resetting the SBUS bit in the Data Configuration Register
(DCR) The synchronous and asynchronous modes do not
have an effect on slave accesses to the SONIC-T but they
do affect the master mode operation Within the particular
busprocessor mode
synchronous and asynchronous
modes are very similar This section discusses all four
modes of operation of the SONIC-T (NationalIntel vs
Motorola synchronous vs asynchronous) when it is a bus
master
In this section the rising edge of T1 and T2 means the
beginning of these states and the falling edge of T1 and T2
means the middle of these states
7351 Adding Wait States
To accommodate different memory speeds the SONIC-T
provides two methods for adding wait states for its bus op-
erations Both of these methods can be used singly or in
conjunction with each other A memory cycle is extended by
adding additional T2 states The first method inserts wait-
states by withholding the assertion of DSACK01 STERM or
RDYi The other method allows software to program wait-
states Programming the WC0 WC1 bits in the Data Config-
uration Register allows 1 to 3 wait-states to be added on
each memory cycle These wait states are inserted between
the T1 and T2 bus states and are called T2 (wait) bus
states The SONIC-T will not look at the DSACK01 STERM
or RDYi lines until the programmed wait states have
passed Hence in order to complete a bus operation that
includes programmed wait states the DSACK01 STERM
or RDYi lines must be asserted at their proper times at the
end of the cycle during the last T2 not during a pro-
grammed wait state The only exception to this is asynchro-
nous mode where DSACK01 or RDYi would be asserted
during the last programmed wait state T2 (wait) See the
timing for these signals in the timing diagrams for more spe-
cific information Programmed wait states do not affect
Slave Mode bus cycles
7352 Memory Cycle for BMODE e 1
Synchronous Mode
On the rising edge of T1 the SONIC-T asserts ECS to indi-
cate that the memory cycle is starting The address (A31 –
A1) bus status (S2 – S0) and the direction strobe (MRW) are
driven and do not change for the remainder of the memory
cycle On the falling edge of T1 the SONIC-T deasserts
ECS and asserts AS
In synchronous mode DSACK01 are sampled on the rising
edge of T2 T2 states will be repeated until DSACK01 are
sampled properly in a low state DSACK01 must meet the
setup and hold times with respect to the rising edge of bus
clock for proper operation
During read cycles
(Figure 7-6) data (D31 – D0) is latched at
the falling edge of T2 and DS is asserted at the falling edge
of T1 For write cycles
(Figure 7-7) data is driven on the
falling edge of T1 If there are wait states inserted DS is
asserted on the falling edge of T2 DS is not asserted for
zero wait state write cycles The SONIC-T terminates the
memory cycle by deasserting AS and DS at the falling edge
of T2
TLF12597 – 33
FIGURE 7-6 Memory Read BMODE e 1 Synchronous (1 Wait-State)
http
www nationalcom
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com