| Electronic Components Datasheet Search |
|
DP83936AVF Datasheet(PDF) 12 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83936AVF Datasheet(HTML) 12 Page - National Semiconductor (TI) |
|
12 / 104 page ![]() 30 Functional Description The SONIC-T (Figure 3-1) consists of a twisted pair inter- face (TPI) module an encoderdecoder (ENDEC) unit a media access control (MAC) unit separate receive and transmit FIFOs a system buffer management engine and a user programmable system bus interface unit on a single chip SONIC-T is highly pipelined providing maximum sys- tem level performance This section provides a functional overview of the SONIC-T 31 TWISTED PAIR INTERFACE MODULE The TPI consists of five main logic functions a the Smart Squelch which determines when valid data is present on the differential receive inputs (RXIg) b the Collision Detector which checks for simultaneous transmission and reception of data on the differential transmit output (TXOg) and differential receive input (RXIg) pins c the Link DetectorGenerator which checks the integrity of the cable connecting the two twisted pair modules d the Jabber which disables the transmitter if it attempts to transmit a longer than legal packet and e the Transmitter which utilizes a Transmit Driver and a Pre-emphasis to transmit Manchester encoded data to the twisted pair network via summing resistors and a transformerfilter Smart Squelch The SONIC-T Controller implements an in- telligent receive squelch on the RXIg differential inputs to ensure that impulse noise on the receive inputs will not be mistaken for a valid signal The squelch circuitry employs a combination of amplitude and timing mesurements to determine the validity of data on the twisted pair inputs There are two voltage level options for the smart squelch One mode 10BASE-T mode (Figure 3-2) uses levels that meet the 10BASE-T specification The second mode reduced squelch mode uses a lower squelch threshold level and can be used in longer cable applica- tions where smaller signal levels may be applied The squelch level mode can be selected using the LOWSQL input pin (see Section 20) TLF12597 – 4 FIGURE 3-1 SONIC-T Block Diagram TLF12597 – 5 FIGURE 3-2 Twisted Pair Squelch Waveform (10BASE-T Mode) http www nationalcom 12 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |