Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 12Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 13Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 14Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 15Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 16Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 17Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 18Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 19Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
30 Functional Description (Continued)
The ENDEC also provides both the receive and transmit
clocks to the MAC unit The transmit clock is one half of the
oscillator input and the receive clock is extracted from the
input data by the PLL
Oscillator
The oscillator generates the 10 MHz transmit
clock signal for network timing The oscillator is controlled
by a parallel resonant crystal or by an external clock (see
Section 813) The 20 MHz output of the oscillator is divided
by 2 to generate the 10 MHz transmit clock (TXC) for the
MAC section The oscillator also provides an internal clock
signal for the encoding and decoding circuits
Loopback Functions
The SONIC-T provides three loop-
back modes which allow for loopback testing at the MAC
ENDEC and external transceiver level (see Section 37 for
details) It is important to note that when the SONIC-T is
transmitting the transmitted packet will always be looped
back by the external transceiver The SONIC-T takes ad-
vantage of this to monitor the transmitted packet See the
explanation of the Receive State Machine in Section 331
for more information about monitoring transmitted packets
322 Selecting an External ENDEC
An option is provided on SONIC-T to disable the on-chip
ENDEC unit and use an external ENDEC The internal IEEE
8023 ENDEC can be bypassed by connecting the EXT pin
to VCC (EXTe1) In this mode the MAC signals are redirect-
ed out from the chip allowing an external ENDEC to be
used See Section 20 for the alternate pin definitions
33 MEDIA ACCESS CONTROL (MAC) UNIT
The Media Access Control (MAC) unit performs the control
functions for the media access of transmitting and receiving
packets over Twisted Pair or AUI During transmission the
MAC unit frames information from the transmit FIFO and
supplies serialized data to the ENDEC unit During recep-
tion the incoming information from the ENDEC unit is dese-
rialized the frame checked for valid reception and the data
is transferred to the receive FIFO Control and status regis-
ters on the SONIC-T govern the operation of the MAC unit
331 MAC Receive Section
The receive section
(Figure 3-6) controls the MAC receive
operations during reception loopback and transmission
During reception the deserializer goes active after detecting
the 2-bit Start of Frame Delimiter (SFD) pattern (see Section
41) It then frames the incoming bits into octet boundaries
and transfers the data to the 32-byte receive FIFO Concur-
rently the address comparator compares the Destination
Address Field to the addresses stored in the chip’s Content
Addressable Memory (CAM) address registers If a match
occurs the deserializer passes the remainder of the packet
to the receive FIFO The packet is decapsulated when the
carrier sense input pin (CRS) goes inactive At the end of
reception the receive section checks the following
Frame alignment errors
CRC errors
Length errors (runt packets)
The appropriate status is indicated in the Receive Control
register (see Section 643) In loopback operations the re-
ceive section operates the same as during normal recep-
tion
During transmission the receive section remains active to
allow monitoring of the self-received packet The Cyclic Re-
dundancy Code (CRC) checker operates as normal and the
Source Address field is compared with the CAM address
entries Status of the CRC check and the source address
comparison is indicated by the PMB bit in the Transmit Con-
trol register (see Section 644) No data is written to the
receive FIFO during transmit operations
The receive section consists of the following blocks detailed
below
Receive State Machine (RSM)
The RSM insures the prop-
er sequencing for normal reception and self-reception dur-
ing transmission When the network is inactive the RSM
remains in an idle state continually monitoring for network
activity If the network becomes active the RSM allows the
deserializer to write data into the receive FIFO During this
state the following conditions may prevent the complete
reception of the packet
FIFO OverrunThe receive FIFO has been completely
filled before the SONIC-T could buffer the data to mem-
ory
CAM Address MismatchThe packet is rejected be-
cause of a mismatch between the destination address of
the packet and the address in the CAM
Memory Resource ErrorThere are no more resources
(buffers or descriptors) available for buffering the incom-
ing packets
Collision or Other ErrorA collision occurred on the net-
work or some other error such as a CRC error occurred
(this is true if the SONIC-T has been told to reject pack-
ets on a collision or reject packets with errors)
If these conditions do not occur the RSM processes the
packet indicating the appropriate status in the Receive Con-
trol register
TLF12597 – 9
FIGURE 3-6 MAC Receiver
http
www nationalcom
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com