Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 49Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 50Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 51Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 52Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 53Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 54Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 55Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 56Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
60 SONIC-T Registers (Continued)
648 Transmit Registers
The transmit registers described in this section are part of
the User Register set The UTDA and CTDA must be initial-
ized prior to issuing the transmit command (setting the TXP
bit) in the Command register
Upper Transmit Descriptor Address Register (UTDA)
This register contains the upper address bits (Ak3116l)
for accessing the transmit descriptor area (TDA) and is con-
catenated with the contents of the CTDA when the SONIC-
T accesses the TDA in system memory The TDA can be as
large as 32k words or 16k long words and can be located
anywhere in system memory This register is unaffected by
a hardware or software reset
Current Transmit Descriptor Address Register (CTDA)
The 16-bit CTDA register contains the lower address bits
(Ak151l) of the 32-bit transmit descriptor address During
initialization this register must be programmed with the low-
er address bits of the transmit descriptor The SONIC-T
concatenates the contents of this register with the contents
of the UTDA to point to the transmit descriptor For 32-bit
memory systems bit 1 corresponding to address signal A1
must be set to ‘‘0’’ for alignment to long-word boundaries
Bit 0 of this register is the End of List (EOL) bit and is used
to denote the end of the list This register is unaffected by a
hardware or software reset
649 Receive Registers
The receive registers described in this section are part of
the User Register set A software reset has no effect on
these registers and a hardware reset only affects the EOBC
and RSC registers The receive registers must be initialized
prior to issuing the receive command (setting the RXEN bit)
in the Command register
Upper Receive Descriptor Address Register (URDA)
This register contains the upper address bits (Ak3116l)
for accessing the receive descriptor area (RDA) and is con-
catenated with the contents of the CRDA when the
SONIC-T accesses the RDA in system memory The RDA
can be as large as 32k words or 16k long words and can be
located anywhere in system memory This register is unaf-
fected by a hardware or software reset
Current Receive Descriptor Address Register (CRDA)
The CRDA is a 16-bit readwrite register used to locate the
received packet descriptor block within the RDA It contains
the lower address bits (Ak151l) The SONIC-T concate-
nates the contents of the CRDA with the contents of the
URDA to form the complete 32-bit address The resulting
32-bit address points to the first field of the descriptor block
For 32-bit memory systems bit 1 corresponding to address
signal A1 must be set to ‘‘0’’ for alignment to long-word
boundaries Bit 0 of this register is the End of List (EOL) bit
and is used to denote the end of the list This register is
unaffected by a hardware or software reset
End of Buffer Word Count Register (EOBC)
The
SONIC-T uses the contents of this register to determine
where to place the next packet At the end of packet recep-
tion the SONIC-T compares the contents of the EOBC reg-
ister with the contents of the Remaining Buffer Word Count
registers (RBWC01) to determine whether (1) to place the
next packet in the same RBA or (2) to place the next packet
in another RBA If the EOBC is less than or equal to the
remaining number of words in the RBA after a packet is
received (ie EOBC s RBWC01) the SONIC-T buffers the
next packet in the same RBA If the EOBC is greater than
the remaining number of words in the RBA after the packet
is received (ie
EOBC l RBWC01) the Last Packet in
RBA bit LPKT in the Receive Control Register Section
643 is set and the SONIC-T fetches the next resource
descriptor Hence the next packet received will be buffered
in a new RBA A hardware reset sets this register to 02F8H
(760 words or 1520 bytes) See Sections 542 and 5444
for more information about using EOBC
Upper Receive Resource Address Register (URRA)
The
URRA is a 16-bit readwrite register It is programmed with
the base address of the receive resource area (RRA) This
16-bit upper address value (Ak3116l) locates the receive
resource area in system memory SONIC-T uses the URRA
register when accessing the receive descriptors within the
RRA by concatenating the lower address value from one of
four receive resource registers (RSA REA RWP or RRP)
Resource Start Address Register (RSA)
The RSA is a
15-bit readwrite register The LSB is not used and always
reads back as a 0 The RSA is programmed with the lower
15 bits (Ak151l) of the starting address of the receive
resource area SONIC-T concatenates the contents of this
register with the contents of the URRA to form the complete
32-bit address
Resource End Address Register (REA)
The REA is a
15-bit readwrite register The LSB is not used and always
reads back as a 0 The REA is programmed with the lower
15 bits (Ak151l) of the ending address of the receive
resource area SONIC-T concatenates the contents of this
register with the contents of the URRA to form the complete
32-bit address
Resource Read Pointer Register (RRP)
The RRP is a
15-bit readwrite register The LSB is not used and always
reads back as a 0 The RRP is programmed with the lower
15-bit address (Ak151l) of the first field of the next de-
scriptor the SONIC-T will read SONIC-T concatenates the
contents of this register with the contents of the URRA to
form the complete 32-bit address
Resource Write Pointer Register (RWP)
The RWP is a
15-bit readwrite register The LSB is not used and always
reads back as a 0 The RWP is programmed with the lower
15-bit address (Ak151l) of the next available location the
system can add a descriptor SONIC-T concatenates the
contents of this register with the contents of the URRA to
form the complete 32-bit address In 32-bit mode bit 1 cor-
responding to address signal A1 must be zero to insure the
proper equality comparison between this register and the
RRP register
Receive Sequence Counter Register (RSC)
This is a
16-bit readwrite register containing two fields
(Figure 6-11)
The SONIC-T uses this register to provide status informa-
tion on the number of packets within a RBA and the number
of RBAs The RSC register contains two 8-bit (modulo 256)
counters After each packet is received the packet se-
quence number is incremented The SONIC-T maintains a
single sequence number for each RBA When the SONIC-T
uses the next RBA the packet sequence number is reset to
zero and the RBA sequence number is incremented This
register is reset to 0 by a hardware reset or by writing zero
to it A software reset has no affect
15
8
7
0
RBA Sequence Number
Packet Sequence Number
(Modulo 256)
(Modulo 256)
FIGURE 6-11 Receive Sequence Counter Register
http
www nationalcom
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com