Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 48Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 49Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 50Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 51Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 52Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 53Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 54Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 55Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
60 SONIC-T Registers (Continued)
647 Data Configuration Register 2
(Continued)
Bit
Description
5
FD FULL DUPLEX
This bit programs the SONIC-T to transmit and receive simultaneously (Full Duplex) This bit should only be set when
used in conjunction with a port that supports and is configured for Full Duplex Ethernet
0 Disable full duplex mode
1 Enable full duplex mode
4
PH PROGRAM HOLD
When this bit is set to ‘‘0’’ the HOLD request output is asserteddeasserted from the falling edge of bus clock If this
bit is set to ‘‘1’’ HOLD will be asserteddeasserted
clock later on the rising edge of bus clock
3
Must be zero
2
PCM PACKET COMPRESS WHEN MATCHED
When this bit is set to a ‘‘1’’ (and the PCNM bit is reset to a ‘‘0’’) the PCOMP output will be asserted if the
destination address of the packet being received matches one of the entries in the CAM (Content Addressable
Memory) This bit along with PCNM is used with the Management Bus of the DP83950 Repeater Interface
Controller (RIC) See the DP83950 datasheet for more details on the RIC Management Bus This mode is also called
the Managed Bridge Mode
Note 1
Setting PCNM and PCM to ‘‘1’’ at the same time is not allowed
Note 2
If PCNM and PCM are both ‘‘0’’ the PCOMP output will remain TRI-STATE until PCNM or PCM are changed
1
PCNM COMPRESS WHEN NOT MATCHED
When this bit is set to a ‘‘1’’ (and the PCM bit is set to ‘‘0’’) the PCOMP output will be asserted if the destination
address of the packet does not match one of the entries in the CAM See the PCM bit above This mode is also
called the Managed Hub Mode
Note
PCOMP will not be asserted if the destination address is a broadcast address This is true regardless of the state of the BRD bit in the
Receive Control Register
0
RJCM REJECT ON CAM MATCH
When this bit is set to ‘‘1’’ the SONIC-T will reject a packet on a CAM match Setting RJCM to ‘‘0’’ causes the
SONIC-T to operate normally by accepting packets on a CAM match Setting this mode is useful for a small bridge
with a limited number of nodes attached to it RJCM only affects the CAM though Setting RJCM will not invert the
function of the BRD PRO or AMC bits (to accept broadcast all physical or multicast packets respectively) in the
Receive Control Register (see Section 643) This means for example that it is not possible to set RJCM and BRD
to reject all broadcast packets If RJCM and BRD are set at the same time however all broadcast packets will be
accepted but any packets that have a destination address that matches an address in the CAM will be rejected
http
www nationalcom
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com