Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 6Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 7Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 8Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 9Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 10Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 11Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 12Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 13Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
20 Pin Description (Continued)
TABLE 2-1 Pin Description
(Continued)
Symbol
Driver
Direction
Description
Type
BUS INTERFACE PINS (MOTOROLA MODE BMODE e 1)
AS
TRI
O Z
ADDRESS STROBE (AS)
The falling edge indicates valid status and address The rising edge
indicates the termination of the memory cycle
MRW
TRI
O Z
MEMORY READWRITE STROBE (MRW)
When the SONIC-T has acquired the bus this signal
indicates the direction of the data transfer This signal is high during a read cycle and low during a
write cycle
INT
OC
O Z
INTERRUPT (INT)
Indicates that an interrupt (if enabled) is pending from one of the sources
indicated by the Interrupt Status register Interrupts that are disabled in the Interrupt Mask
register will not activate this signal
BR
OC
O Z
BUS REQUEST (BR)
The SONIC-T asserts this pin low when it attempts to gain access to the
bus When inactive this signal is at TRI-STATE
BG
I
BUS GRANT (BG)
This signal is a bus grant The system asserts this pin low to indicate potential
mastership of the bus
BGACK
TRI
O Z
BUS GRANT ACKNOWLEDGE
The SONIC-T asserts this pin low when it has determined that it
can gain ownership of the bus The SONIC-T checks the following conditions before driving
BGACK
1 BG has been received through the bus arbitration process
2 AS is deasserted indicating that the previous master has finished using the bus
3 DSACK0 and DSACK1 are deasserted indicating that the previous slave device is off the bus
4 BGACK is deasserted indicating that the previous master is off the bus
SRW
I
SLAVE READWRITE (SRW)
The system asserts this pin to indicate whether it will read from or
write to the SONIC-T’s registers This signal is asserted high during a read and low during a write
DSACK0
TRI
I O Z
DATA AND SIZE ACKNOWLEDGE 0 AND 1 (DSACK01 BMODE e 1)
These pins are the
output slave acknowledge to the system when the SONIC-T registers have been accessed and
DSACK1
TRI
I O Z
the input slave acknowledgement when the SONIC-T is busmaster When a register has been
accessed the SONIC-T drives both DSACK0 and DSACK1 pins low to terminate the slave cycle
(Note that the SONIC-T responds as a 32-bit peripheral by driving both DSACK0 and DSACK1
low but drives data only on lines D0 – D15 Lines D16 – D32 are driven but invalid)
When the SONIC-T is bus master it samples these pins before terminating its memory cycle
When SONIC-T is in 32-bit bus master mode both DSACK0 and DSACK1 must be asserted to
terminate the cycle However if the SONIC-T is in 16-bit bus master mode only the assertion of
DSACK1 is required to terminate the cycle These pins are sampled synchronously or
asynchronously depending on the state of the SBUS bit in the Data Configuration register (See
Section 735 for details) Note that the SONIC-T does not allow dynamic bus sizing Bus size is
statically defined in the Data Configuration register (see Section 642)
USER DEFINABLE PINS
USR01
TRI
I O Z
USER DEFINE 01
These signals are inputs when the SONIC-T is hardware reset and are
outputs when the SONIC-T is a bus master (HLDA or BGACK asserted) When hard reset (RST)
is low these signals input directly into bits 8 and 9 of the Data Configuration Register (DCR)
respectively The levels on these pins are latched on the rising edge of RST During busmaster
operations (HLDA or BGACK is active) these pins are outputs whose levels are programmable
through bits 11 and 12 of the DCR respectively The USR01 pins should be pulled up to VCC or
pulled down to ground A 47 kX pull-up resistor is recommended
http
www nationalcom
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com