Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 68Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 69Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 70Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 71Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 72Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 73Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 74Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 75Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 104 page
background image
70 Bus Interface (Continued)
738 On-Chip Memory Arbiter
For applications which share the buffer memory area with
the
host
system
(shared-memory
applications)
the
SONIC-T provides a fast on-chip memory arbiter for effi-
ciently resolving accesses between the SONIC-T and the
host system
(Figure 7-23) The host system indicates its
intentions to use the shared-memory by asserting Memory
Request (MREQ) The SONIC-T will allow the host system
to use the shared memory by acknowledging the host sys-
tem’s request with Slave and Memory Acknowledge
SMACK Once SMACK is asserted the host system may
use the shared memory freely The host system gives up the
shared memory by deasserting MREQ
MREQ is clocked in on the falling edge of bus clock and is
double synchronized internally to the rising edge SMACK is
asserted on the falling edge of a Ts bus cycle If the
SONIC-T is not currently accessing the memory SMACK is
asserted immediately after MREQ was clocked in If howev-
er the SONIC-T is accessing the shared memory it finishes
its current memory transfer and then issues SMACK
SMACK will be asserted 1 or 5 bus clocks respectively
after MREQ is clocked in Since MREQ is double synchro-
nized it is not necessary to meet its setup time Meeting the
setup time for MREQ will however guarantee that SMACK
is asserted in the next or fifth bus clock after the current bus
clock SMACK will deassert within one bus clock after
MREQ is deasserted The SONIC-T will then finish its mas-
ter operation if it was using the bus previously
If the host system needs to access the SONIC-T’s registers
instead of shared memory CS would be asserted instead of
MREQ Accessing the SONIC-T’s registers works almost
exactly the same as accessing the shared memory except
that the SONIC-T goes into a slave cycle instead of going
idle See Section 737 for more information about how reg-
ister accesses work
Note 1
The successive assertion of CS and MREQ must be separated by
at least two bus clocks Both CS and MREQ must not be asserted
concurrently
Note 2
The number of bus clocks between MREQ being asserted and the
assertion of SMACK when the SONIC-T is in Master Mode is 5 bus
clocks assuming there were no wait states in the Master Mode
access Wait states will increase the time for SMACK to go low by
the number of wait states in the cycle (the time will be 5 a the
number of wait states)
Note 3
The way in which SMACK is asserted to due to CS is not the same
as the way in which SMACK is asserted due to MREQ SMACK
goes low as a direct result of the assertion of MREQ whereas for
CS SAS must also be driven low (BMODE e 1) or high (BMODE e
0) before SMACK will be asserted This means that when SMACK
is asserted due to MREQ SMACK will remain asserted until MREQ
is deasserted Multiple memory accesses can be made to the
shared memory without SMACK ever going high When SMACK is
asserted due to CS however SMACK will only remain low as long
as SAS is also low (BMODE e 1) or high (BMODE e 0) SMACK
will not remain low throughout multiple register accesses to the
SONIC-T because SAS must toggle for each register access This
is an important difference to consider when designing shared mem-
ory designs
739 Chip Reset
The SONIC-T has two reset modes a hardware reset and a
software reset The SONIC-T can be hardware reset by as-
serting the RESET pin or software reset by setting the RST
bit in the Command Register (Section 641) The two reset
modes are not interchangeable since each mode performs
a different function
After power-on the SONIC-T must be hardware reset be-
fore it will become operational This is done by asserting
RESET for a minimum of 10 transmit clocks (10 ethernet
transmit clock periods TXC) If the bus clock (BSCK) period
is greater than the transmit clock period RESET should be
asserted for 10 bus clocks instead of 10 transmit clocks A
hardware reset places the SONIC-T in the following state
(The registers affected are listed in parentheses See Table
7-3 and Section 64 for more specific information about the
registers and how they are affected by a hardware reset
Only those registers listed below and in Table 7-3 are affect-
ed by a hardware reset)
1
Receiver and Transmitter are disabled (CR)
2
The General Purpose timer is halted (CR)
3
All interrupts are masked out (IMR)
4
The NCRS and PTX status bits in the Transmit Control
Register (TCR) are set
5
The End Of Byte Count (EOBC) register is set to 02F8h
(760 words)
6
Packet and buffer sequence number counters are set to
zero
7
All CAM entries are disabled The broadcast address is
also disabled (CAM Enable Register and the RCR)
8
Loopback operation is disabled (RCR)
9
The latched bus retry is set to the unlatched mode
(DCR)
10 All interrupt status bits are reset (ISR)
11 The Extended Bus Mode is disabled (DCR)
12 HOLD will be asserteddeasserted from the falling clock
edge (DCR2)
13 PCOMP will not be asserted (DCR2)
14 Packets will be accepted (not rejected) on CAM match
(DCR2)
TABLE 7-3 Internal Register Content after Reset
Register
Contents after Reset
Hardware
Software
Reset
Reset
Command
0094h
0094h00A4h
Data Configuration
unchanged
(DCR and DCR2)
Interrupt Mask
0000h
unchanged
Interrupt Status
0000h
unchanged
Transmit Control
0101h
unchanged
Receive Control
unchanged
End Of Buffer Count
02F8h
unchanged
Sequence Counters
0000h
unchanged
CAM Enable
0000h
unchanged
Bits 15 and 13 of the DCR and bits 4 through 0 of the DCR2 are reset to a 0
during a hardware reset Bits 15–12 of the DCR2 are unknown until written
to All other bits in these two registers are unchanged
Bits LB1 LB0 and BRD are reset to a 0 during hardware reset All other
bits are unchanged
http
www nationalcom
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com