Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 10Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 11Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 12Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 13Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 14Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 15Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 16Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 17Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
30 Functional Description (Continued)
32 IEEE 8023 ENCODERDECODER (ENDEC) UNIT
The EncoderDecoder (ENDEC) unit is the interface be-
tween either the Twisted Pair Interface Module or the Ether-
net transceiver and the Media Access Control (MAC) unit
Providing the Manchester data encoding and decoding
functions for IEEE 8023 Ethernet Thin-Ethernet or Twisted
Pair types of local area networks the ENDEC operations of
SONIC-T are identical to those of the DP83910A CMOS
Serial Network Interface device During transmission the
ENDEC unit combines non-return-zero (NRZ) data from the
MAC section and clock pulses to produce Manchester data
and sends the converted data differentially to the transceiv-
er Conversely during reception an analog Phase Lock
Loop (PLL) decodes the Manchester data into both NRZ
formatted data and a receive clock The SONIC-T ENDEC
unit is a functionally complete Manchester encoderdecod-
er incorporating a balanced driver and receiver an on-board
crystal oscillator a collision signal translator and a diagnos-
tic loopback The features include
 Compatibility with Ethernet I and II
IEEE 8023
10BASE5 10BASE2 and 10BASE-T
 10Mbs Manchester encodingdecoding with receive
clock recovery
 No precision components requirement
 Loopback capability for diagnostics
 Squelch circuitry at the receive and collision inputs reject
noise
 Connection to the transceiver (Attachment Unit Inter-
face) cable via external pulse transformer
321 ENDEC Operation
The primary function of the ENDEC unit
(Figure 3-5) is to
perform the encoding and decoding necessary for compati-
bility between the differential pair Manchester encoded data
of the transceiver and the Non-Return-to-Zero (NRZ) serial
data of the MAC unit data line In addition to encoding and
decoding the data stream the ENDEC also supplies all of
the special signals (eg collision detect carrier sense and
clocks) necessary to the MAC unit The signals provided to
the MAC unit from the on-chip ENDEC are also provided as
outputs to the user
Manchester Encoder and Differential Output Driver
During transmission to the network the ENDEC unit trans-
lates the NRZ serial data from the MAC unit into differential
pair Manchester encoded data To perform this operation
the NRZ bit stream from the MAC unit is passed through the
Manchester encoder block of the ENDEC unit Once the bit
stream is encoded it is transmitted out differentially to the
transmit differential pair through the transmit driver
The SONIC-T Controller is compatible with the IEEE 8023
‘‘full-step’’ standard That is the Transmita and Transmitb
differential outputs are at equal voltages while they are idle
at the primary of the isolation transformer at the network
interface This voltage relationship provides a zero differen-
tial voltage for operation with transformer coupled loads
(See Section 81 for network interfacing considerations)
Manchester Decoder
During reception from the network
the differential receive data from the transceiver is convert-
ed from Manchester encoded data into NRZ serial data and
a receive clock which are sent to the receive data and
clock inputs of the MAC unit To perform this operation the
signal is passed to the PLL decoder block once it is re-
ceived from the differential receiver The PLL decodes the
data and generates a data receive clock and a NRZ serial
data stream to the MAC unit
Data typically becomes valid from the decoder within 6 bit
times and the decoder detects the end of a frame when no
more mid-bit transitions are detected (See Section 81 for
network interfacing considerations)
Special Signals
In addition to performing the Manchester
encoding and decoding function the ENDEC unit provides
control and clocking signals to the MAC unit The ENDEC
sends a carrier sense (CRS) signal that indicates to the
MAC unit that data is present from the network on the
ENDEC’s receive differential pair When the ENDEC’s colli-
sion receiver detects a 10 MHz signal on the differential
collision input pair the ENDEC unit provides the MAC unit
with a collision detection signal (COL) COL indicates that a
collision is taking place somewhere on the network
http
www nationalcom
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com