Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 55Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 56Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 57Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 58Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 59Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 60Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 61Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 62Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 104 page
background image
70 Bus Interface (Continued)
TLF12597 – 31
FIGURE 7-4 Bus Request Timing (BMODE e 1)
732 Block Transfers
The SONIC-T performs block operations during all bus ac-
tions thereby providing efficient transfers to memory The
block cycle consists of three parts The first part is the bus
acquisition phase
as discussed above
in which the
SONIC-T gains access to the bus Once it has access of the
bus the SONIC-T enters the second phase by transferring
data tofrom its internal FIFOs or registers fromto memory
The SONIC-T transfers data from its FIFOs in either EXACT
BLOCK mode or EMPTYFILL
EXACT BLOCK mode
In this mode the number of words
(or long words) transferred during a block transfer is deter-
mined by either the Transmit or Receive FIFO thresholds
programmed in the Data Configuration Register
EMPTYFILL mode
In this mode the DMA completely fills
the Transmit FIFO during transmission or completely emp-
ties the Receive FIFO during reception This allows for
greater bus latency
When the SONIC-T accesses the Descriptor Areas (ie
RRA RDA CDA and TDA) it transfers data between its
registers and memory All fields which need to be used are
accessed in one block operation Thus the SONIC-T per-
forms 4 accesses in the RRA (see Section 5442) 7 ac-
cesses in the RDA (see Section 5461) 2 3 or 6 accesses
in the TDA (see Section 554) and 4 accesses in the CDA
733 Bus Status
The SONIC-T presents three bits of status information on
pins S2 – S0 which indicate the type of bus operation the
SONIC-T is currently performing (Table 7-1) Bus status is
valid when at the falling edge of AS or the rising edge of
ADS
TABLE 7-1 Bus Status
S2
S1
S0
Status
1
1
1
The bus is idle The SONIC-T is not
performing any transfers on the bus
1
0
1
The Transmit Descriptor Area (TDA) is
currently being accessed
0
0
1
The Transmit Buffer Area (TBA) is
currently being read
0
1
1
The Receive Buffer Area (RBA) is
currently being written to Only data is
being written though not a Source or
Destination address
0
1
0
The Receive Buffer Area (RBA) is
currently being written to Only the
Source or Destination address is being
written though
1
1
0
The Receive Resource Area (RRA) is
currently being read
1
0
0
The Receive Descriptor Area (RDA) is
currently being accessed
0
0
0
The CAM Descriptor Area (CDA) is
currently being accessed
http
www nationalcom
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com