Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 34Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 35Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 36Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 37Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 38Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 39Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 40Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 41Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
60 SONIC-T Registers (Continued)
TABLE 6-1 User Registers
(Continued)
RA5 – RA0
Access
Register
Symbol
Description
(section)
WATCHDOG COUNTERS
29
RW
Watchdog Timer
WT0
6412
2A
RW
Watchdog Timer 1
WT1
6412
SILICON REVISION
28
R
Silicon Revision
SR
6413
Note 1
These registers can only be read when the SONIC-T is in reset mode (RST bit in the CR is set) The SONIC-T gives invalid data when these registers are
read in non-reset mode
Note 2
This register can only be written to when the SONIC-T is in reset mode This register is normally only loaded by the Load CAM command
Note 3
The Data Configuration registers DCR and DCR2 can only be written to when the SONIC-T is in reset mode (RST bit in CR is set) Writing to these
registers while not in reset mode does not alter the registers
Note 4
The data written to these registers is inverted before being latched That is if a value of FFFFh is written these registers will contain and read back the
value of 0000h Data is not inverted during a read operation
TABLE 6-2 Internal Use Registers (Users should not write to these registers)
(RA5 – RA0)
Access
Register
Symbol
Description
(section)
TRANSMIT REGISTERS
08 (Note 1)
RW
Transmit Packet Size
TPS
55
09
RW
Transmit Fragment Count
TFC
55
0A
RW
Transmit Start Address 0
TSA0
55
0B
RW
Transmit Start Address 1
TSA1
55
0C (Note 2)
RW
Transmit Fragment Size
TFS
55
20
RW
Temporary Transmit Descriptor Address
TTDA
554
2F
R
Maximum Deferral Timer
MDT
644
RECEIVE REGISTERS
0F
RW
Current Receive Buffer Address 0
CRBA0
542 5442
10
RW
Current Receive Buffer Address 1
CRBA1
542 5442
11
RW
Remaining Buffer Word Count 0
RBWC0
542 5442
12
RW
Remaining Buffer Word Count 1
RBWC1
542 5442
19
RW
Temporary Receive Buffer Address 0
TRBA0
5462
1A
RW
Temporary Receive Buffer Address 1
TRBA1
5462
1B
RW
Temporary Buffer Word Count 0
TBWC0
5462
1C
RW
Temporary Buffer Word Count 1
TBWC1
5462
1F
RW
Last Link Field Address
LLFA
none
ADDRESS GENERATORS
1D
RW
Address Generator 0
ADDR0
none
1E
RW
Address Generator 1
ADDR1
none
Note 1
The data that is read from these registers is the inversion of what has been written to them
Note 2
The value that is written to this register is shifted once in 16-bit mode and shifted twice in 32-bit mode
TABLE 6-3 National Factory Test Registers (Users should not access these registers)
(RA5 – RA0)
Access
Register
Symbol
Description
(section)
30
These registers are for factory use only Users must not

RW
address these registers or improper SONIC-T operation
none
none
3E
can occur
http
www nationalcom
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com