Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 3Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 4Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 5Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 6Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 7Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 8Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 9Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 10Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
20 Pin Description (Continued)
TABLE 2-1 Pin Description
(Continued)
Symbol
Driver
Direction
Description
Type
NETWORK INTERFACE PINS
(Continued)
TXD
TP
O
This pin will be TRI-STATE until the DCR has been written to (See Section 642 EXBUS for
more information)
EXUSR3
TRI
O Z
TRANSMIT DATA (TXD)
The serial NRZ data from the MAC unit which is to be decoded by an
external ENDEC Data is valid on the rising edge of TXC Although this signal is used internally by
the SONIC-T it is also provided as an output to the user
EXTENDED USER OUTPUT (EXUSR3)
When EXBUS has been set (see Section 642) this pin
becomes a programmable output It will remain TRI-STATE until the SONIC-T becomes a bus
master at which time it will be driven according to the value programmed in the DCR2 (see
Section 647)
TXE
TP
O
TRANSMIT ENABLE
This pin is driven high when the SONIC-T begins transmission and remains
active until the last byte is transmitted Although this signal is used internally by the SONIC-T it is
also provided as an output to the user
TXCo
TRI
O Z
This pin will be TRI-STATE until the DCR has been written to (See Section 642
TXCi
I
EXBUS for more information)
STERM
I
TRANSMIT CLOCK OUTPUT (TXCo)
from the internal ENDEC (EXT e 0) This 10 MHz transmit
clock output is derived from the 20 MHz oscillator input When EXT e 0 the TXCo signal is
internally connected between the ENDEC and MAC units Although this signal is used internally
by the SONIC-T it is also provided as an output to the user
TRANSMIT CLOCK INPUT (TXCi)
from an external ENDEC (EXT e 1) This input clock from an
external ENDEC is used for shifting data out of the MAC unit serializer This clock is nominally
10 MHz
SYNCHRONOUS TERMINATION (STERM)
When the SONIC-T is a bus master it samples this
pin before terminating its memory cycle This pin is sampled synchronously and may only be used
in asynchronous bus mode when BMODE e 1 (See Section 735 for more details)
LBK
TP
O
This pin will be TRI-STATE until the DCR has been written to (See Section 642 EXBUS for
more information)
EXUSR2
TRI
O Z
LOOPBACK (LBK)
When ENDEC Loopback mode is enabled LBK is asserted high Although
this signal is used internally by the SONIC-T it is also provided as an output to the user
EXTENDED USER OUTPUT (EXUSR2)
When EXBUS has been set (see Section 642) this pin
becomes a programmable output It will remain TRI-STATE until the SONIC-T becomes a bus
master at which time it will be driven according to the value programmed in the DCR2 (see
Section 647)
PCOMP
TRI
O Z
PACKET COMPRESSION
This pin is used with the Management Bus of the DP83950 Repeater
Interface Controller (RIC) The SONIC-T can be programmed to assert PCOMP whenever there is
a CAM match or when there is not a match The RIC uses this signal to compress (shorten) a
received packet for management purposes and to reduce memory usage (See the DP83950
datasheet for more details on the RIC Management Bus) The operation of this pin is controlled
by bits 1 and 2 in the DCR2 register PCOMP will remain TRI-STATE until these bits are written to
This signal is asserted right after the 4th bit of the 7th byte of the incoming packet and is
deasserted one transmit clock (TXC) after CSR is driven low
PREJ
I
PACKET REJECT
This signal is used to reject received packets When asserted low for at least
two receive clock cycles (RXC) the SONIC-T will reject the incoming packet This pin can be
asserted up to the 2nd to the last bit of reception to reject a packet
http
www nationalcom
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com