Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 38Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 39Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 40Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 41Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 42Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 43Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 44Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 45Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 104 page
background image
60 SONIC-T Registers (Continued)
642 Data Configuration Register
(Continued)
Bit
Description
10
SBUS SYNCHRONOUS BUS MODE
The SBUS bit is used to select the mode of system bus operation when SONIC-T is a bus master This bit selects the internal
ready line to be either a synchronous or asynchronous input to SONIC-T during block transfer DMA operations
0 Asynchronous mode RDYi (BMODE e 0) or DSACK01 (BMODE e 1) are respectively internally synchronized
at the falling edge of the bus clock (T2 of the DMA cycle) No setup or hold times need to be met with kS2–S5l
respect to this edge to guarantee proper bus operation The minimum memory cycle time is 3 bus clocks
1 Synchronous mode RDYi (BMODE e 0) and DSACK01 (BMODE e 1) must respectively meet the setup and kS2–S5l
hold times with respect to the rising edge of T1 or T2 to guarantee proper bus operation
9 8
USR10 USER DEFINABLE PINS
The USR10 bits report the level of the USR10 signal pins respectively after a chip hardware reset If the USR10 signal pins
are at a logical 1 (tied to VCC) during a hardware reset the USR10 bits are set to a 1 If the USR10 pins are at a logical 0 (tied
to ground) during a hardware reset the USR10 bits are set to a 0 These bits are latched on the rising edge of RST Once set
they remain setreset until the next hardware reset
7 6
WC10 WAIT STATE CONTROL
These encoded bits determine the number of additional bus cycles (T2 states) that are added during each DMA cycle
WC1
WC0
Bus Cycles Added
00
0
01
1
10
2
11
3
5
DW DATA WIDTH SELECT
These bits select the data path width for DMA operations
DW
Data Width
0
16-bit
1
32-bit
4
BMS BLOCK MODE SELECT FOR DMA
Determines how data is emptied or filled into the Receive or Transmit FIFO
0 Emptyfill mode All DMA transfers continue until either the Receive FIFO has emptied or the Transmit FIFO has
filled completely
1 Block mode All DMA transfers continue until the programmed number of bytes RFT0 (RFT1 during reception or
TF0 TF1 during transmission) have been transferred (See note for TFT0 TFT1)
3 2
RFT1RFT0 RECEIVE FIFO THRESHOLD
These encoded bits determine the number of words (or long words) that are written into the receive FIFO from the MAC unit
before a receive DMA request occurs (See Section 35)
LB1
LB0
Function
0
0
2 words or 1 long word (4 bytes)
0
1
4 words or 2 long words (8 bytes)
1
0
8 words or 4 long words (16 bytes)
1
1
12 words or 6 long words (24 bytes)
Note
In block mode (BMS bit e 1) the receive FIFO threshold sets the number of words (or long words) written to memory during a receive DMA block cycle
1 0
TFT1TFT0 TRANSMIT FIFO THRESHOLD
These encoded bits determine the minimum number of words (or long words) the DMA section maintains in the transmit
FIFO A bus request occurs when the number of words drops below the transmit FIFO threshold (See Section 35)
LB1
LB0
Function
0
0
4 words or 2 long words (8 bytes)
0
1
18 words or 4 long words (16 bytes)
1
0
12 words or 6 long words (24 bytes)
1
1
14 words or 7 long words (28 bytes)
Note
In block mode (BMS e 1) the number of bytes the SONIC-T reads in a single DMA burst equals the transmit FIFO threshold value If the number of
words or long words needed to fill the FIFO is less than the threshold value then only the number of reads required to fill the FIFO in a single DMA burst will be
made Typically with the FIFO threshold value set to 12 or 14 words the number of memory reads needed is less than the FIFO threshold value
http
www nationalcom
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com