Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 37Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 38Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 39Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 40Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 41Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 42Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 43Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 44Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
60 SONIC-T Registers (Continued)
642 Data Configuration Register
(RAk50l e 1h)
This register
(Figure 6-5) establishes the bus cycle options for readingwriting data tofrom 16- or 32-bit memory systems
During a hardware reset bits 15 and 13 are cleared all other bits are unaffected (Because of this the first thing the driver
software does to the SONIC-T should be to set up this register) All bits are unaffected by a software reset This register must
only be accessed when the SONIC-T is in reset mode (ie the RST bit is set in the Command register)
15
14
13
12
11
10
9876543210
EXBUS
0
LBR
PO1
PO0
SBUS USR1 USR0 WC1
WC0
DW
BMS
RFT1 RFT0 TFT1 TFT0
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
r e read only rwereadwrite
FIGURE 6-5 Data Configuration Register
Field
Meaning
EXBUS
EXTENDED BUS MODE
LBR
LATCHED BUS RETRY
PO0PO1
PROGRAMMABLE OUTPUTS
SBUS
SYNCHRONOUS BUS MODE
USR0 USR1
USER DEFINABLE PINS
WC0 WC1
WAIT STATE CONTROL
DW
DATA WIDTH SELECT
BMS
BLOCK MODE SELECT FOR DMA
RFT0 RFT1
RECEIVE FIFO THRESHOLD
TFT0 TFT1
TRANSMIT FIFO THRESHOLD
Bit
Description
15
EXBUS EXTENDED BUS MODE
Setting this bit enables the Extended Bus mode which enables the following
1 Extended Programmable Outputs EXUSR k30l This changes the TXD LBK RXC and RXD pins from the
external ENDEC interface into four programmable user outputs EXUSR k30l respectively which are similar to
USR k10l These outputs are programed with bits 15-12 in the DCR2 (see Section 647) On hardware reset
these four pins will be TRI-STATE and will remain that way until the DCR is changed If EXBUS is enabled then
these pins will remain TRI-STATE until the SONIC-T becomes a bus master at which time they will be driven
according to the DCR2 If EXBUS is disabled then these four pins work normally as external ENDEC interface pins
2 Synchronous Termination STERM This changes the TXC pin from the External ENDEC interface into a
synchronous memory termination input for compatibility with Motorola style processors This input is only useful
when Asynchronous Bus mode is selected (bit 10 below is set to ‘‘0’’) and the Bus Mode is set to Motorola Mode
(BMODE e 1) On hardware reset this pin will be TRI-STATE and will remain that way until the DCR is changed If
EXBUS is enabled this pin will remain TRI-STATE until the SONIC-T becomes a bus master at which time it will
become the STERM input If EXBUS is disabled then this pin works normally as the TXC pin for the external ENDEC
interface
3 Asynchronous Bus Retry Causes BRT to be clocked in asynchronously off the falling edge of bus clock This only
applies however when the SONIC-T is operating in asynchronous mode (bit 10 below is set to ‘‘0’’) If EXBUS is not
set XTO (BRT) is sampled synchronously off the rising edge of bus clock
14
Must be 0
13
LBR LATCHED BUS RETRY
The LBR bit controls the mode of operation of the BRT signal (see pin description Section 20) It allows the BUS
Retry operation to be latched or unlatched
0 Unlatched mode The assertion of BRT forces the SONIC-T to finish the current DMA operation and get off the bus
The SONIC-T will retry the operation when BRT is deasserted
1 Latched mode The assertion of BRT forces the SONIC-T to finish the current DMA operation as above however
the SONIC-T will not retry until BRT is deasserted and the BR bit in the ISR (see Section 646) has been reset and
BRT is deasserted Hence the mode has been latched on until the BR bit is cleared
Note
Unless LBR is set to a ‘‘1’’ BRT must remain asserted at least until the SONIC-T has gone idle See sec 736
12 11
PO1PO0 PROGRAMMABLE OUTPUTS
The PO1PO0 bits individually control the USR10 pins respectively when SONIC-T is a bus master (HLDA or BGACK
is active) When PO1PO0 are set to a 1 the USR1USR0 pins are high during bus master operations and when
these bits are set to a 0 the USR1USR0 pins are low during bus master operations
http
www nationalcom
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com