Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 5Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 6Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 7Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 8Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 9Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 10Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 11Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 12Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
20 Pin Description (Continued)
TABLE 2-1 Pin Description
(Continued)
Symbol
Driver
Direction
Description
Type
BUS INTERFACE PINS (BOTH BUS MODES)
(Continued)
SAS
I
SLAVE ADDRESS STROBE
The system asserts this pin to latch the register address on lines
RA0 – RA5
DS
TRI
O Z
DATA STROBE
When the SONIC-T is bus master it drives this pin low during a read cycle to
indicate that the slave device may drive data onto the bus in a write cycle this pin indicates that
the SONIC-T has placed valid data onto the bus
BRT
I
BUS RETRY
When the SONIC-T is bus master the system asserts this signal to rectify a
potentially correctable bus error This pin has two modes Mode 1 (the LBR in the Data
Configuration Register is set to 0) Assertion of this pin forces the SONIC-T to terminate the
current bus cycle and will repeat the same cycle after BRT has been deasserted Mode 2 (the
LBR bit in the Data Configuration register is set to 1) Assertion of this signal forces the SONIC-T
to retry the bus operation as in Mode 1 However the SONIC-T will not continue DMA operations
until the BR bit in the ISR is reset
ECS
TRI
O Z
EARLY CYCLE START
This output gives the system earliest indication that a memory operation
is occurring This signal is driven low at the rising edge of T1 and high at the falling edge of T1
SHARED-MEMORY ACCESS PINS
MREQ
I
MEMORY REQUEST
The system asserts this signal low when it attempts to access the shared-
buffer RAM The on-chip arbiter resolves accesses between the system and the SONIC-T
Note
Both CS and MREQ must not be asserted concurrently If these signals are successively
asserted there must be at least two bus clocks between the deasserting edge of the first signal
and the asserting edge of the second signal
SMACK
TP
O
SLAVE AND MEMORY ACKNOWLEDGE
SONIC-T asserts this dual function pin low in response
to either a Chip Select (CS) or a Memory Request (MREQ) when the SONIC-T’s registers or its
buffer memory is available for accessing This pin can be used for enabling bus drivers for dual-
bus systems
BUS INTERFACE PINS (NATIONALINTEL MODE BMODE e 0)
ADS
TRI
O Z
ADDRESS STROBE (ADS)
The rising edge indicates valid status and address
MWR
TRI
O Z
MEMORY WRITEREAD STROBE MWR
When the SONIC-T has acquired the bus this signal
indicates the direction of the data transfer The signal is low during a read cycle and high during a
write cycle
INT
TP
O
INTERRUPT (INT)
Indicates that an interrupt (if enabled) is pending from one of the sources
indicated by the Interrupt Status register Interrupts that are disabled in the Interrupt Mask register
will not activate this signal
HOLD
TP
O
HOLD REQUEST (HOLD)
The SONIC-T drives this pin high when it intends to use the bus and is
driven low when inactive
HLDA
I
HOLD ACKNOWLEDGE (HLDA)
This signal is used to inform the SONIC-T that it has attained
the bus When the system asserts this pin high the SONIC-T has gained ownership of the bus
BGACK
TRI
O Z
BUS GRANT ACKNOWLEDGE
This pin is only used when BMODE e 1
SWR
I
SLAVE READWRITE STROBE (SWR)
The system asserts this pin to indicate whether it will
read from or write to the SONIC-T’s registers This signal is asserted low during a read and high
during a write
RDYi
I
READY INPUT (RDYi BMODE e 0)
When the SONIC-T is a bus master the system asserts this
signal high to insert wait-states and low to terminate the memory cycle This signal is sampled
synchronously or asynchronously depending on the state of the SBUS bit (See Sections 735
and 642 for details)
RDYo
TP
O
READY OUTPUT (RDYo)
When a register is accessed the SONIC-T asserts this signal to
terminate the slave cycle
http
www nationalcom
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com