Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83936AVF Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 40Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 41Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 42Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 43Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 44Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 45Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 46Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 47Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 104 page
background image
60 SONIC-T Registers (Continued)
643 Receive Control Register
(Continued)
Bit
Description
10 9 LB1LB0 LOOPBACK CONTROL
These encoded bits control loopback operations for MAC loopback ENDEC loopback and Transceiver lookback For proper
loopback operation the CAM Address registers and Receive Control register must be initialized to accept the Destination
address of the loopback packet (see Section 38)
LB1 LB0
Function
0
0
no loopback normal operation
0
1
MAC loopback
1
0
ENDEC loopback
1
1
Transceiver loopback (Bit
6 of the DCR2 must also be set to 1)
8
MC MULTICAST PACKET RECEIVED
This bit is set when a packet is received with a Multicast Address
7
BC BROADCAST PACKET RECEIVED
This bit is set when a packet is received with a Broadcast Address
6
LPKT LAST PACKET IN RBA
This bit is set when the last packet is buffered into a Receive Buffer Area (RBA) The SONIC-T detects this condition when its
Remaining Buffer Word Count (RBWC01) register is less than or equal to the End Of Buffer Count (EOBC) register (See
Section 542)
5
CRS CARRIER SENSE ACTIVITY
Set when CRS is active Indicates the presence of network activity
4
COL COLLISION ACTIVITY
Indicates that the packet received had a collision occur during reception
3
CRCR CRC ERROR
Indicates the packet contains a CRC error If the packet also contains a Frame Alignment error FAER will be set instead (see
below)
2
FAER FRAME ALIGNMENT ERROR
Indicates that the incoming packet was not correctly framed on an 8-bit boundary Note if no CRC errors have occurred this bit
is not set (ie this bit is only set when both a frame alignment and CRC errors occur)
1
LBK LOOPBACK PACKET RECEIVED
Indicates that the SONIC-T has successfully received a loopback packet
0
PRX PACKET RECEIVED OK
Indicates that a packet has been received without CRC frame alignment length (run packet) errors or collisions
http
www nationalcom
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com