Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 356 page
background image
Chapter 2 Pins and Connections
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
27
2.2.1
Power
VDD and VSS are the primary power supply pins for the MCU. This voltage source supplies power to all
I/O buffer circuitry and to an internal voltage regulator. The internal voltage regulator provides regulated
lower-voltage source to the CPU and other internal circuitry of the MCU.
Typically, application systems have two separate capacitors across the power pins. In this case, there
should be a bulk electrolytic capacitor, such as a 10-
μF tantalum capacitor, to provide bulk charge storage
for the overall system and a 0.1-
μF ceramic bypass capacitor located as near to the MCU power pins as
practical to suppress high-frequency noise. The MC9S08DN60 Series has two VDD pins except on the
32-pin package. Each pin must have a bypass capacitor for best noise suppression.
VDDA and VSSA are the analog power supply pins for the MCU. This voltage source supplies power to the
ADC module. A 0.1-
μF ceramic bypass capacitor should be located as near to the MCU power pins as
practical to suppress high-frequency noise.
2.2.2
Oscillator
Immediately after reset, the MCU uses an internally generated clock provided by the multi-purpose clock
generator (MCG) module. For more information on the MCG, see Chapter 8, “Multi-Purpose Clock
Generator (S08MCGV1).”
The oscillator (XOSC) in this MCU is a Pierce oscillator that can accommodate a crystal or ceramic
resonator. Rather than a crystal or ceramic resonator, an external oscillator can be connected to the EXTAL
input pin.
Refer to Figure 2-4 for the following discussion. RS (when used) and RF should be low-inductance
resistors such as carbon composition resistors. Wire-wound resistors and some metal film resistors have
too much inductance. C1 and C2 normally should be high-quality ceramic capacitors that are specifically
designed for high-frequency applications.
RF is used to provide a bias path to keep the EXTAL input in its linear range during crystal startup; its value
is not generally critical. Typical systems use 1 M
Ω to 10 MΩ. Higher values are sensitive to humidity, and
lower values reduce gain and (in extreme cases) could prevent startup.
C1 and C2 are typically in the 5-pF to 25-pF range and are chosen to match the requirements of a specific
crystal or resonator. Be sure to take into account printed circuit board (PCB) capacitance and MCU pin
capacitance when selecting C1 and C2. The crystal manufacturer typically specifies a load capacitance
which is the series combination of C1 and C2 (which are usually the same size). As a first-order
approximation, use 10 pF as an estimate of combined pin and PCB capacitance for each oscillator pin
(EXTAL and XTAL).
2.2.3
RESET
RESET is a dedicated pin with a pull-up device built in. It has input hysteresis, a high current output driver,
and no output slew rate control. Internal power-on reset and low-voltage reset circuitry typically make
external reset circuitry unnecessary. This pin is normally connected to the standard 6-pin background
debug connector so a development system can directly reset the MCU system. If desired, a manual external
reset can be added by supplying a simple switch to ground (pull reset pin low to force a reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com