Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 356 page
background image
Chapter 2 Pins and Connections
MC9S08DN60 Series Data Sheet, Rev 3
28
Freescale Semiconductor
Whenever any reset is initiated (whether from an external signal or from an internal system), the RESET
pin is driven low for about 34 bus cycles. The reset circuitry decodes the cause of reset and records it by
setting a corresponding bit in the system reset status register (SRS).
2.2.4
Background / Mode Select (BKGD/MS)
While in reset, the BKGD/MS pin functions as a mode select pin. Immediately after reset rises, the pin
functions as the background pin and can be used for background debug communication. While functioning
as a background or mode select pin, the pin includes an internal pull-up device, input hysteresis, a standard
output driver, and no output slew rate control.
If nothing is connected to this pin, the MCU will enter normal operating mode at the rising edge of reset.
If a debug system is connected to the 6-pin standard background debug header, it can hold BKGD low
during the rising edge of reset which forces the MCU to active background mode.
The BKGD/MS pin is used primarily for background debug controller (BDC) communications using a
custom protocol that uses 16 clock cycles of the target MCU’s BDC clock per bit time. The target MCU’s
BDC clock could be as fast as the bus clock rate, so there should never be any significant capacitance
connected to the BKGD/MS pin that could interfere with background serial communications.
Although the BKGD/MS pin is a pseudo open-drain pin, the background debug communication protocol
provides brief, actively driven, high speedup pulses to ensure fast rise times. Small capacitances from
cables and the absolute value of the internal pull-up device play almost no role in determining rise and fall
times on the BKGD/MS pin.
2.2.5
ADC Reference Pins (VREFH, VREFL)
The VREFH and VREFL pins are the voltage reference high and voltage reference low inputs, respectively,
for the ADC module.
2.2.6
General-Purpose I/O and Peripheral Ports
The MC9S08DN60 Series series of MCUs support up to 53 general-purpose I/O pins and 1 input-only pin,
which are shared with on-chip peripheral functions (timers, serial I/O, ADC, etc.).
When a port pin is configured as a general-purpose output or a peripheral uses the port pin as an output,
software can select one of two drive strengths and enable or disable slew rate control. When a port pin is
configured as a general-purpose input or a peripheral uses the port pin as an input, software can enable a
pull-up device. Immediately after reset, all of these pins are configured as high-impedance general-purpose
inputs with internal pull-up devices disabled.
When an on-chip peripheral system is controlling a pin, data direction control bits still determine what is
read from port data registers even though the peripheral module controls the pin direction by controlling
the enable for the pin’s output buffer. For information about controlling these pins as general-purpose I/O
pins, see Chapter 6, “Parallel Input/Output Control.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com