Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 41Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 42Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 43Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 44Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 45Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 46Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 47Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 48Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 356 page
background image
Chapter 4 Memory
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
45
Nonvolatile Flash registers, shown in Table 4-4, are located in the Flash memory. These registers include
an 8-byte backdoor key, NVBACKKEY, which can be used to gain access to secure memory resources.
During reset events, the contents of NVPROT and NVOPT in the nonvolatile register area of the Flash
memory are transferred into corresponding FPROT and FOPT working registers in the high-page registers
to control security and block protection options.
0x184D
PTBPS
PTBPS7
PTBPS6
PTBPS5
PTBPS4
PTBPS3
PTBPS2
PTBPS1
PTBPS0
0x184E
PTBES
PTBES7
PTBES6
PTBES5
PTBES4
PTBES3
PTBES2
PTBES1
PTBES0
0x184F
Reserved
—
—
—
—
—
—
—
—
0x1850
PTCPE
PTCPE7
PTCPE6
PTCPE5
PTCPE4
PTCPE3
PTCPE2
PTCPE1
PTCPE0
0x1851
PTCSE
PTCSE7
PTCSE6
PTCSE5
PTCSE4
PTCSE3
PTCSE2
PTCSE1
PTCSE0
0x1852
PTCDS
PTCDS7
PTCDS6
PTCDS5
PTCDS4
PTCDS3
PTCDS2
PTCDS1
PTCDS0
0x1853–
0x1857
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x1858
PTDPE
PTDPE7
PTDPE6
PTDPE5
PTDPE4
PTDPE3
PTDPE2
PTDPE1
PTDPE0
0x1859
PTDSE
PTDSE7
PTDSE6
PTDSE5
PTDSE4
PTDSE3
PTDSE2
PTDSE1
PTDSE0
0x185A
PTDDS
PTDDS7
PTDDS6
PTDDS5
PTDDS4
PTDDS3
PTDDS2
PTDDS1
PTDDS0
0x185B
Reserved
—
—
—
—
—
—
—
—
0x185C
PTDSC
0
0
0
0
PTDIF
PTDACK
PTDIE
PTDMOD
0x185D
PTDPS
PTDPS7
PTDPS6
PTDPS5
PTDPS4
PTDPS3
PTDPS2
PTDPS1
PTDPS0
0x185E
PTDES
PTDES7
PTDES6
PTDES5
PTDES4
PTDES3
PTDES2
PTDES1
PTDES0
0x185F
Reserved
—
—
—
—
—
—
—
—
0x1860
PTEPE
PTEPE7
PTEPE6
PTEPE5
PTEPE4
PTEPE3
PTEPE2
PTEPE1
PTEPE0
0x1861
PTESE
PTESE7
PTESE6
PTESE5
PTESE4
PTESE3
PTESE2
PTESE1
PTESE0
0x1862
PTEDS
PTEDS7
PTEDS6
PTEDS5
PTEDS4
PTEDS3
PTEDS2
PTEDS1
PTEDS0
0x1863–
0x1867
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x1868
PTFPE
PTFPE7
PTFPE6
PTFPE5
PTFPE4
PTFPE3
PTFPE2
PTFPE1
PTFPE0
0x1869
PTFSE
PTFSE7
PTFSE6
PTFSE5
PTFSE4
PTFSE3
PTFSE2
PTFSE1
PTFSE0
0x186A
PTFDS
PTFDS7
PTFDS6
PTFDS5
PTFDS4
PTFDS3
PTFDS2
PTFDS1
PTFDS0
0x186B–
0x186F
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x1870
PTGPE
0
0
PTGPE5
PTGPE4
PTGPE3
PTGPE2
PTGPE1
PTGPE0
0x1871
PTGSE
0
0
PTGSE5
PTGSE4
PTGSE3
PTGSE2
PTGSE1
PTGSE0
0x1872
PTGDS
0
0
PTGDS5
PTGDS4
PTGDS3
PTGDS2
PTGDS1
PTGDS0
0x1873–
0x18FF
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
1 This bit is reserved. User must write a 1 to this bit. Failing to do so may result in unexpected behavior.
Table 4-3. High-Page Register Summary (Sheet 3 of 3)
Address
Register Name
Bit 7
654321
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com